Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167EV30LL-45BVXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62167EV30LL-45BVXI
Description  16-Mbit (1M x 16 / 2M x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV30LL-45BVXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62167EV30LL-45BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY62167EV30 MoBL®
Document #: 38-05446 Rev. *F
Page 2 of 14
Pin Configuration
Figure 1. 48-Ball VFBGA (6 x 7 x 1mm) / (6 x 8 x 1mm) Top View [1, 2, 3]
Figure 2. 48-Pin TSOP I Top View [3, 4]
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2
(
μA)
f = 1 MHz
f = fmax
Min
Typ[5]
Max
Typ[5]
Max
Typ[5]
Max
Typ[5]
Max
CY62167EV30LL
Industrial/Auto-A
2.2
3.0
3.6
45
2.2
4.0
25
30
1.5
12
WE
A11
A10
A6
A0
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
CE2
A17
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
A19
A18
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
VCC
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE
CE2
NC
BHE
BLE
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
Vss
IO15/A20
IO7
IO14
IO6
IO13
IO5
IO12
IO4
Vcc
IO11
IO3
IO10
IO2
IO9
IO1
IO8
IO0
OE
Vss
CE1
A0
Notes
1. The information related to 6 x 7 x 1 mm VFBGA package is preliminary.
2. Ball H6 for the VFBGA package can be used to upgrade to a 32M density.
3. NC pins are not connected on the die.
4. The BYTE pin in the 48-TSOPI package has to be tied to VCC to use the device as a 1M X 16 SRAM. The 48-TSOPI package can also be used as a 2M X 8 SRAM
by tying the BYTE signal to VSS. In the 2M x 8 configuration, Pin 45 is A20, while BHE, BLE and IO8 to IO14 pins are not used.
5. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.
[+] Feedback


Similar Part No. - CY62167EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30LL-45BVXI CYPRESS-CY62167EV30LL-45BVXI Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45BVXI CYPRESS-CY62167EV30LL-45BVXI Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45BVXI CYPRESS-CY62167EV30LL-45BVXI Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
CY62167EV30LL-45BVXI CYPRESS-CY62167EV30LL-45BVXI Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
More results

Similar Description - CY62167EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30 Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E_09 Datasheet
562Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com