Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20666-24LTXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C20666-24LTXI
Description  CapSense Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20666-24LTXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C20666-24LTXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20666-24LTXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20666-24LTXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20666-24LTXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20666-24LTXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20666-24LTXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20666-24LTXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20666-24LTXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20666-24LTXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
CY8C20X36/46/66/96
Document Number: 001-12696 Rev. *F
Page 3 of 39
PSoC® Functional Overview
The PSoC family consists of on-chip Controller devices. These
devices are designed to replace multiple traditional MCU-based
components with one, low cost single-chip programmable
component. A PSoC device includes configurable analog and
digital blocks, and programmable interconnect. This architecture
allows the user to create customized peripheral configurations,
to match the requirements of each individual application.
Additionally, a fast CPU, Flash program memory, SRAM data
memory, and configurable I/O are included in a range of
convenient pinouts.
The architecture for this device family, as shown in the Logic
Block Diagram on page 2, is comprised of three main areas: the
Core, the CapSense Analog System, and the System Resources
(including a full speed USB port). A common, versatile bus allows
connection between I/O and the analog system. Each
CY8C20x36/46/66/96 PSoC Device includes a dedicated
CapSense block that provides sensing and scanning control
circuitry for capacitive sensing applications. Depending on the
PSoC package, up to 36 general purpose IO (GPIO) are also
included. The GPIO provides access to the MCU and analog
mux.
PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO
(internal main oscillator) and ILO (internal low speed oscillator).
The CPU core, called the M8C, is a powerful processor with
speeds up to 24 MHz. The M8C is a 4-MIPS, 8-bit Harvard archi-
tecture microprocessor.
System Resources provide additional capability, such as
configurable
USB
and
I2C
slave/SPI
master-slave
communication interface, three 16-bit programmable timers, and
various system resets supported by the M8C.
The Analog System is composed of the CapSense PSoC block
and an internal 1.2V analog reference, which together support
capacitive sensing of up to 36 inputs.
CapSense Analog System
The Analog System contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. Capacitive sensing is configurable on
each GPIO pin. Scanning of enabled CapSense pins are
completed quickly and easily across multiple ports.
Figure 1. Analog System Block Diagram
Analog Multiplexer System
The Analog Mux Bus can connect to every GPIO pin. Pins are
connected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Complex capacitive sensing interfaces, such as sliders and
touchpads.
Chip-wide mux that allows analog input from any I/O pin.
Crosspoint connection between any I/O pin combinations.
When designing capacitive sensing applications, refer to the
latest signal-to-noise signal level requirements Application
Notes, which can be found under http://www.cypress.com >
Documentation > Application Notes. In general, and unless
otherwise noted in the relevant Application Notes, the minimum
signal-to-noise ratio (SNR) for CapSense applications is 5:1.
IDAC
Reference
Buffer
Vr
Cinternal
CapSenseCounters
Comparator
Mux
Mux
Refs
CapSense
Clock Select
Oscillator
CSCLK
IMO
[+] Feedback


Similar Part No. - CY8C20666-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20666-24LTXI CYPRESS-CY8C20666-24LTXI Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20666-24LTXI CYPRESS-CY8C20666-24LTXI Datasheet
706Kb / 39P
   CapSense Applications
CY8C20666-24LTXIT CYPRESS-CY8C20666-24LTXIT Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20666-24LTXIT CYPRESS-CY8C20666-24LTXIT Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8C20666-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X36 CYPRESS-CY8C20X36 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com