Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64356-48LTXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C64356-48LTXI
Description  enCoRe V Full Speed USB Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64356-48LTXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C64356-48LTXI Datasheet HTML 3Page - Cypress Semiconductor CY7C64356-48LTXI Datasheet HTML 4Page - Cypress Semiconductor CY7C64356-48LTXI Datasheet HTML 5Page - Cypress Semiconductor CY7C64356-48LTXI Datasheet HTML 6Page - Cypress Semiconductor CY7C64356-48LTXI Datasheet HTML 7Page - Cypress Semiconductor CY7C64356-48LTXI Datasheet HTML 8Page - Cypress Semiconductor CY7C64356-48LTXI Datasheet HTML 9Page - Cypress Semiconductor CY7C64356-48LTXI Datasheet HTML 10Page - Cypress Semiconductor CY7C64356-48LTXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CY7C6431x
CY7C6434x, CY7C6435x
Document Number: 001-12394 Rev *I
Page 7 of 32
Designing with PSoC Designer
The development process for the enCoRe V device differs from
that of a traditional fixed function microprocessor. Powerful
PSoC Designer tools get the core of your design up and running
in minutes instead of hours.
The development process can be summarized in the following
four steps:
1. Select Components
2. Configure Components
3. Organize and Connect
4. Generate, Verify, and Debug
Select Components
The chip-level view provides a library of pre-built, pre-tested
hardware peripheral components. These components are called
“user modules.” User modules make selecting and implementing
peripheral devices simple, and come in analog, digital, and
mixed-signal varieties.
Configure Components
Each of the components you select establishes the basic register
settings that implement the selected function. They also provide
parameters and properties that allow you to tailor their precise
configuration to your particular application.
The chip-level user modules are documented in data sheets that
are viewed directly in PSoC Designer. These data sheets explain
the internal operation of the component and provide perfor-
mance specifications. Each data sheet describes the use of each
user module parameter and contains other information you may
need to successfully implement your design.
Organize and Connect
You build signal chains at the chip level by interconnecting user
modules to each other and the I/O pins, or connect system-level
inputs, outputs, and communication interfaces to each other with
valuator functions. In the chip-level view, you perform the
selection, configuration, and routing so that you have complete
control over the use of all on-chip resources.
Generate, Verify, and Debug
When you are ready to test the hardware configuration or move
on to developing code for the project, you perform the “Generate
Configuration Files” step. This causes PSoC Designer to
generate source code that automatically configures the device to
your specification and provides the software for the system.
Both system-level and chip-level designs generate software
based on your design. The chip-level design provides application
programming interfaces (APIs) with high level functions to
control and respond to hardware events at run time and interrupt
service routines that you can adapt as needed. The system-level
design also generates a C main() program that completely
controls the chosen application and contains placeholders for
custom code at strategic positions allowing you to further refine
the software without disrupting the generated code.
A complete code development environment allows you to
develop and customize your applications in C, assembly
language, or both.
The last step in the development process takes place inside
PSoC Designer’s Debugger (access by clicking the Connect
icon). PSoC Designer downloads the HEX image to the In-Circuit
Emulator (ICE) where it runs at full speed. PSoC Designer
debugging capabilities rival those of systems costing many times
more. In addition to traditional single-step, run-to-breakpoint and
watch-variable features, the debug interface provides a large
trace buffer and allows you to define complex breakpoint events
that include monitoring address and data bus values, memory
locations and external signals.
[+] Feedback


Similar Part No. - CY7C64356-48LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64356-48LTXI CYPRESS-CY7C64356-48LTXI Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C64356-48LTXI CYPRESS-CY7C64356-48LTXI Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C64356-48LTXIT CYPRESS-CY7C64356-48LTXIT Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C64356-48LTXIT CYPRESS-CY7C64356-48LTXIT Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64356-48LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com