Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0831AV-133BBI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C0831AV-133BBI
Description  FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0831AV-133BBI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C0831AV-133BBI Datasheet HTML 1Page - Cypress Semiconductor CY7C0831AV-133BBI Datasheet HTML 2Page - Cypress Semiconductor CY7C0831AV-133BBI Datasheet HTML 3Page - Cypress Semiconductor CY7C0831AV-133BBI Datasheet HTML 4Page - Cypress Semiconductor CY7C0831AV-133BBI Datasheet HTML 5Page - Cypress Semiconductor CY7C0831AV-133BBI Datasheet HTML 6Page - Cypress Semiconductor CY7C0831AV-133BBI Datasheet HTML 7Page - Cypress Semiconductor CY7C0831AV-133BBI Datasheet HTML 8Page - Cypress Semiconductor CY7C0831AV-133BBI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FLEx18™ 3.3V 64K/128K x 36 and
128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV, CY7C0830AV
CY7C0831AV, CY7C0832AV
CY7C0832BV, CY7C0833AV
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06059 Rev. *S
Revised March 03, 2009
Features
True Dual-Ported Memory Cells that Allow Simultaneous
Access of the Same Memory Location
Synchronous Pipelined Operation
Family of 512 Kbit, 1 Mbit, 2 Mbit, 4 Mbit, and 9 Mbit Devices
Pipelined Output Mode Allows Fast Operation
0.18 micron CMOS for Optimum Speed and Power
High Speed Clock to Data Access
3.3V Low Power
Active as Low as 225 mA (typ)
Standby as Low as 55 mA (typ)
Mailbox Function for Message Passing
Global Master Reset
Separate Byte Enables on Both Ports
Commercial and Industrial Temperature Ranges
IEEE 1149.1 Compatible JTAG Boundary Scan
144-Ball FBGA (13 mm × 13 mm) (1.0 mm pitch)
120 TQFP (14 mm x 14 mm x 1.4 mm)
Pb-Free Packages Available
Counter Wrap Around Control
Internal Mask Register Controls Counter Wrap Around
Counter-Interrupt Flags to Indicate Wrap Around
Memory Block Retransmit Operation
Counter Readback on Address Lines
Mask Register Readback on Address Lines
Dual Chip Enables on Both Ports for Easy Depth Expansion
Functional Description
The FLEx18™ family includes 512 Kbit, 1 Mbit, 2 Mbit, 4 Mbit,
and 9 Mbit pipelined, synchronous, true dual port static RAMs
that are high speed, low power 3.3V CMOS. Two ports are
provided, permitting independent, simultaneous access to any
location in memory. The result of writing to the same location by
more than one port at the same time is undefined. Registers on
control, address, and data lines allow for minimal setup and hold
time.
During a Read operation, data is registered for decreased cycle
time. Each port contains a burst counter on the input address
register. After externally loading the counter with the initial
address, the counter increments the address internally (more
details to follow). The internal Write pulse width is independent
of the duration of the R/W input signal. The internal Write pulse
is self-timed to allow the shortest possible cycle times.
A HIGH on CE0 or LOW on CE1 for one clock cycle powers down
the internal circuitry to reduce the static power consumption. One
cycle with chip enables asserted is required to reactivate the
outputs.
Additional features include: readback of burst-counter internal
address value on address lines, counter-mask registers to
control the counter wrap around, counter interrupt (CNTINT)
flags, readback of mask register value on address lines,
retransmit functionality, interrupt flags for message passing,
JTAG for boundary scan, and asynchronous Master Reset
(MRST).
The CY7C0833AV device in this family has limited features. See
Address Counter and Mask Register Operations [16] on page 6
for details.
Table 1. Product Selection Guide
Density
512 Kbit
(32K x 18)
1 Mbit
(64K x 18)
2 Mbit
(128K x 18)
4 Mbit
(256K x 18)
9 Mbit
(512K x 18)
Part Number
CY7C0837AV
CY7C0830AV
CY7C0831AV
CY7C0832AV
CY7C0832BV [1]
CY7C0833AV
Maximum Speed (MHz)
167
167
167
167
133
133
Maximum Access Time -
Clock to Data (ns)
4.0
4.0
4.0
4.0
4.4
4.7
Typical Operating
Current (mA)
225
225
225
225
225
270
Package
144 FBGA
120 TQFP
144 FBGA
120 TQFP
144 FBGA
120 TQFP
144 FBGA
120 TQFP
144 FBGA
Note
1. CY7C0832AV and CY7C0832BV are functionally identical.
[+] Feedback


Similar Part No. - CY7C0831AV-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0831AV-133BBI CYPRESS-CY7C0831AV-133BBI Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0831AV-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com