Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2220A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS2220A
Description  Low Voltage Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2220A Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2220A_09 Datasheet HTML 1Page - ON Semiconductor NCS2220A_09 Datasheet HTML 2Page - ON Semiconductor NCS2220A_09 Datasheet HTML 3Page - ON Semiconductor NCS2220A_09 Datasheet HTML 4Page - ON Semiconductor NCS2220A_09 Datasheet HTML 5Page - ON Semiconductor NCS2220A_09 Datasheet HTML 6Page - ON Semiconductor NCS2220A_09 Datasheet HTML 7Page - ON Semiconductor NCS2220A_09 Datasheet HTML 8Page - ON Semiconductor NCS2220A_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCS2220A
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage Range (VCC to VEE)
VS
6.0
V
Non−inverting/Inverting Input to VEE
−0.2 to (VCC + 0.2)
V
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature
TA
−40 to +105
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Output Short Circuit Duration Time (Note 1)
tS
Indefinite
s
ESD Tolerance (Note 2)
NCS2220A
Human Body Model
Machine Model
2000
200
V
Thermal Resistance, Junction−to−Ambient
UDFN
RqJA
350
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
RqJA
2. ESD data available upon request.


Similar Part No. - NCS2220A_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2220AMUT1G ONSEMI-NCS2220AMUT1G Datasheet
69Kb / 10P
   Low Voltage Comparator
September, 2006 ??Rev. 0
NCS2220AMUT1G ONSEMI-NCS2220AMUT1G Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
More results

Similar Description - NCS2220A_09

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742B ELM-TECH-ELM742B Datasheet
60Kb / 3P
   Low voltage comparator
logo
NXP Semiconductors
NCX2220 PHILIPS-NCX2220_15 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
Shenzhen Huazhimei Semi...
LMV331 HMSEMI-LMV331 Datasheet
1Mb / 6P
   Low Voltage Comparator
logo
Fairchild Semiconductor
FAN156 FAIRCHILD-FAN156 Datasheet
733Kb / 9P
   Low Voltage Comparator
logo
NXP Semiconductors
NCX2220 NXP-NCX2220 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
   Low voltage comparator
Rev. 6-9 July 2014
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2220GU NXP-NCX2220GU Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A Datasheet
69Kb / 10P
   Low Voltage Comparator
September, 2006 ??Rev. 0
FAN156 ONSEMI-FAN156 Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com