Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM690TM6E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM690TM6E
Description  3 V supervisor with battery switchover
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690TM6E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM690TM6E Datasheet HTML 3Page - STMicroelectronics STM690TM6E Datasheet HTML 4Page - STMicroelectronics STM690TM6E Datasheet HTML 5Page - STMicroelectronics STM690TM6E Datasheet HTML 6Page - STMicroelectronics STM690TM6E Datasheet HTML 7Page - STMicroelectronics STM690TM6E Datasheet HTML 8Page - STMicroelectronics STM690TM6E Datasheet HTML 9Page - STMicroelectronics STM690TM6E Datasheet HTML 10Page - STMicroelectronics STM690TM6E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
Description
Doc ID 10519 Rev 9
7/42
Figure 3.
Logic diagram (STM795)
Table 2.
Signal names
MR
Push-button reset input
WDI
Watchdog input
RST
Active-low reset output
RST(1)
1.
Open drain for STM804/805 only.
Active-high reset output
E(2)
Chip enable input
ECON
(2)
2.
STM795.
Conditioned chip enable output
Vccsw(2)
VCC switch output
VOUT
Supply voltage output
VCC
Supply voltage
VBAT
Backup supply voltage
PFI
Power-fail input
PFO
Power-fail output
VSS
Ground
AI08848
VCC VBAT
STM795
VSS
VOUT
RST
VCCSW
E
ECON


Similar Part No. - STM690TM6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690TM6E STMICROELECTRONICS-STM690TM6E Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690TM6E STMICROELECTRONICS-STM690TM6E Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
More results

Similar Description - STM690TM6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com