Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CPLC10 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8CPLC10
Description  Powerline Communication Solution
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CPLC10 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8CPLC10 Datasheet HTML 1Page - Cypress Semiconductor CY8CPLC10 Datasheet HTML 2Page - Cypress Semiconductor CY8CPLC10 Datasheet HTML 3Page - Cypress Semiconductor CY8CPLC10 Datasheet HTML 4Page - Cypress Semiconductor CY8CPLC10 Datasheet HTML 5Page - Cypress Semiconductor CY8CPLC10 Datasheet HTML 6Page - Cypress Semiconductor CY8CPLC10 Datasheet HTML 7Page - Cypress Semiconductor CY8CPLC10 Datasheet HTML 8Page - Cypress Semiconductor CY8CPLC10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CY8CPLC10
Document Number: 001-50001 Rev. *D
Page 3 of 25
Transmitter Section
Digital data from the network layer is serialized by the digital
transmitter and fed as input to the modulator. The modulator
divides the local oscillator frequency by a definite factor
depending on whether the input data is high level logic ‘1’ or low
level logic ‘0’. It then generates a sine wave at 133.3 kHz (Logic
‘0’) or 131.8 kHz (Logic ‘1’), which is fed to the Programmable
Gain Amplifier to generate FSK modulated signals. The logic ‘1’
frequency can also be configured as 130.4 kHz for wider FSK
bandwidth. The device also provides a provision to bypass the
internal TX filter and output a square wave at the respective FSK
frequencies.
Receiver Section
The incoming FSK signal from the Powerline is input to a High
Frequency (HF) Band Pass Filter that filters out-of-band
frequency components and outputs filtered signal within the
desired spectrum of 125 kHz to 140 kHz for further demodu-
lation. The Mixer block multiplies the filtered FSK signals with a
locally generated signal to produce heterodyned frequencies.
The Intermediate Frequency (IF) Band Pass Filters further
remove out-of-band noise as required for further demodulation.
This signal is fed to the correlator which produces a DC
component (consisting of Logic ‘1’ and ‘0’) and a higher
frequency component.
The output of the correlator is fed to a Low Pass FIlter (LPF) that
outputs only the demodulated digital data at 2400 baud and
suppresses all other higher frequency components generated in
the correlation process. The output of the LPF is digitized by the
hysteresis comparator. This eliminates the effects of correlator
delay and false logic triggers due to noise. The Digital Receiver
deserializes this data and outputs to the Network Layer for inter-
pretation.
The receiver also implements Automatic Gain Control (AGC).
This functionality enables the receiver to adjust its gain automat-
ically depending on the signal strength of the input FSK signal.
Coupling Circuit Reference Design
The coupling circuit couples low voltage signals from
CY8CPLC10 to the Powerline. The topology of this circuit is
determined by the voltage on the Powerline and design
constraints mandated by Powerline usage regulations.
Cypress provides reference designs for a range of Powerline
voltages such as 110V AC, 240V AC, 12V DC, 24V DC, and
24V AC. The 110V AC and 240V AC designs are compliant to
the following Powerline usage regulations:
FCC part 15 for North America
EN50065-1:2001
Powerline Network Protocol
Cypress’s Powerline optimized Network Protocol performs the
functions of the data link, network, and transport layers in an
ISO/OSI Equivalent Model.
Figure 4. CY8CPLC10: Powerline Network Protocol
The Network Protocol implemented on the CY8CPLC10 chip
supports the following features:
Bidirectional half-duplex communication
Master and slave and peer-to-peer network of Powerline nodes
Multiple masters on Powerline network
8-bit logical addressing supports up to 256 Powerline nodes
16-bit extended logical addressing supports up to 65530
Powerline nodes
64-bit physical addressing supports up to 264 Powerline nodes
Individual broadcast or group mode addressing
Carrier Sense Multiple Access (CSMA)
Full control over transmission parameters
Acknowledged
Unacknowledged
Repeated transmit
Sequence numbering
CSMA and Timing Parameters
CSMA: The protocol provides the random selection of a period
between 85 and 115 ms (out of seven possible values in this
range) in which the band in use detector must indicate that the
line is not in use, before attempting a transmission
Band-In-Use (BIU): A Band-In-Use detector, as defined under
CENELEC EN 50065-1, is active whenever a signal that
exceeds 86 dBuVrms in the range 131.5 KHz to 133.5 KHz is
present for at least 4 ms. This threshold can be configured for
different end-system applications not requiring CENELEC
compliance.The modem tries to retransmit after every 85 to
115 ms when the Band is in use. The Transmitter times out after
1.1 seconds and generates an interrupt to indicate that the
transmitter was unable to acquire the Powerline.
I2C Packet
Powerline Network
Protocol
Powerline
FSK Modem
PHY
Powerline Communication Solution
[+] Feedback


Similar Part No. - CY8CPLC10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
   Powerline Communication Solution
More results

Similar Description - CY8CPLC10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC20 CYPRESS-CY8CPLC20 Datasheet
1Mb / 44P
   Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20_12 Datasheet
902Kb / 56P
   Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
   CAN over Powerline Communication
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
   Transceiver for Powerline Communication
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
   Broadband powerline communication SoC optimized
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com