Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20X36 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C20X36
Description  CapSense Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20X36 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C20X36 Datasheet HTML 3Page - Cypress Semiconductor CY8C20X36 Datasheet HTML 4Page - Cypress Semiconductor CY8C20X36 Datasheet HTML 5Page - Cypress Semiconductor CY8C20X36 Datasheet HTML 6Page - Cypress Semiconductor CY8C20X36 Datasheet HTML 7Page - Cypress Semiconductor CY8C20X36 Datasheet HTML 8Page - Cypress Semiconductor CY8C20X36 Datasheet HTML 9Page - Cypress Semiconductor CY8C20X36 Datasheet HTML 10Page - Cypress Semiconductor CY8C20X36 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
CY8C20X36/46/66/96
Document Number: 001-12696 Rev. *F
Page 7 of 39
Document Conventions
Acronyms Used
The following table lists the acronyms that are used in this
document.
Units of Measure
A units of measure table is located in the Electrical Specifications
section. Table 11 on page 17 lists all the abbreviations used to
measure the PSoC devices.
Numeric Naming
Hexadecimal numbers are represented with all letters in
uppercase with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexadecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended lowercase ‘b’ (for example, 01010100b’ or
‘01000011b’). Numbers not indicated by an ‘h’, ‘b’, or 0x are
decimal.
Table 1. Acronyms
Acronym
Description
AC
alternating current
API
application programming interface
CPU
central processing unit
DC
direct current
FSR
full scale range
GPIO
general purpose I/O
GUI
graphical user interface
ICE
in-circuit emulator
ILO
internal low speed oscillator
IMO
internal main oscillator
I/O
input/output
LSb
least-significant bit
LVD
low voltage detect
MSb
most-significant bit
POR
power on reset
PPOR
precision power on reset
PSoC®
Programmable System-on-Chip™
SLIMO
slow IMO
SRAM
static random access memory
[+] Feedback


Similar Part No. - CY8C20X36

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36 CYPRESS-CY8C20X36 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
More results

Similar Description - CY8C20X36

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X36 CYPRESS-CY8C20X36 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com