Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1363C-133AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1363C-133AXC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363C-133AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1363C-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY7C1361C/CY7C1363C
Document #: 38-05541 Rev. *G
Page 9 of 32
Functional Overview
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. Maximum access delay from the
clock rise (tCDV) is 6.5 ns (133 MHz device).
The CY7C1361C/CY7C1363C supports secondary cache in
systems using either a linear or interleaved burst sequence. The
interleaved burst order supports Pentium and i486™ processors.
The linear burst sequence is suited for processors that use a
linear burst sequence. The burst order is user-selectable, and is
determined by sampling the MODE input. Accesses can be
initiated with either the Processor Address Strobe (ADSP) or the
Controller Address Strobe (ADSC). Address advancement
through the burst sequence is controlled by the ADV input. A
two-bit on-chip wraparound burst counter captures the first
address in a burst sequence and automatically increments the
address for the rest of the burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BWX) inputs. A Global Write
Enable (GW) overrides all byte write inputs and writes data to all
four bytes. All writes are simplified with on-chip synchronous
self-timed write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3[2]) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tristate control. ADSP is ignored if CE1 is
HIGH.
Single Read Accesses
A single read access is initiated when the following conditions
are satisfied at clock rise: (1) CE1, CE2, and CE3[2] are all
asserted active and (2) ADSP or ADSC is asserted LOW (if the
access is initiated by ADSC, the write inputs must be deasserted
during this first cycle). The address presented to the address
inputs is latched into the address register and the burst
counter/control logic and presented to the memory core. If the
OE input is asserted LOW, the requested data will be available
at the data outputs a maximum to tCDV after clock rise. ADSP is
ignored if CE1 is HIGH.
Single Write Accesses Initiated by ADSP
This access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, CE3[2] are all asserted active
and (2) ADSP is asserted LOW. The addresses presented are
loaded into the address register and the burst inputs (GW, BWE,
and BWX) are ignored during this first clock cycle. If the write
inputs are asserted active (see Partial Truth Table for Read/Write
on page 11 for appropriate states that indicate a write) on the
next clock rise, the appropriate data will be latched and written
into the device.Byte writes are allowed. All I/Os are tristated
during a byte write. Since this is a common I/O device, the
asynchronous OE input signal must be deasserted and the I/Os
must be tristated prior to the presentation of data to DQs. As a
safety precaution, the data lines are tristated once a write cycle
is detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
This write access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, and CE3[2] are all asserted
active, (2) ADSC is asserted LOW, (3) ADSP is deasserted
HIGH, and (4) the write input signals (GW, BWE, and BWX)
indicate a write access. ADSC is ignored if ADSP is active LOW.
The addresses presented are loaded into the address register
and the burst counter/control logic and delivered to the memory
core. The information presented to DQ[A:D] is written into the
specified address location. Byte writes are allowed. All I/Os are
tristated when a write is detected, even a byte write. Since this
is a common I/O device, the asynchronous OE input signal must
be deasserted and the I/Os must be tristated prior to the presen-
tation of data to DQs. As a safety precaution, the data lines are
tristated once a write cycle is detected, regardless of the state of
OE.
Burst Sequences
The CY7C1361C/CY7C1363C provides an on-chip two-bit
wraparound burst counter inside the SRAM. The burst counter is
fed by A[1:0], and can follow either a linear or interleaved burst
order. The burst order is determined by the state of the MODE
input. A LOW on MODE will select a linear burst sequence. A
HIGH on MODE selects an interleaved burst order. Leaving
MODE unconnected causes the device to default to a interleaved
burst sequence.
Table 2. Linear Burst Address Table (MODE = GND)
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation ‘sleep’ mode. Two clock
cycles are required to enter into or exit from this ‘sleep’ mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the ‘sleep’ mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the ‘sleep’ mode. CE1, CE2,
CE3[2], ADSP, and ADSC must remain inactive for the duration
of tZZREC after the ZZ input returns LOW.
Table 1. Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
[+] Feedback


Similar Part No. - CY7C1363C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363C-133AXC CYPRESS-CY7C1363C-133AXC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AXC CYPRESS-CY7C1363C-133AXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AXC CYPRESS-CY7C1363C-133AXC Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AXC CYPRESS-CY7C1363C-133AXC Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
More results

Similar Description - CY7C1363C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com