Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1361C-133AXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1361C-133AXC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361C-133AXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1361C-133AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
CY7C1361C/CY7C1363C
Document #: 38-05541 Rev. *G
Page 2 of 32
ADDRESS
REGISTER
BURST
COUNTER
AND LOGIC
CLR
Q1
Q0
ENABLE
REGISTER
SENSE
AMPS
OUTPUT
BUFFERS
INPUT
REGISTERS
MEMORY
ARRAY
MODE
A [1:0]
ZZ
DQ s
DQP A
DQP B
DQP C
DQP D
A 0, A1, A
ADV
CLK
ADSP
ADSC
BW D
BW C
BW B
BW A
BWE
CE1
CE2
CE3
OE
GW
SLEEP
CONTROL
DQ A,
DQPA
BYTE
WRITE REGISTER
DQ B,
DQP B
BYTE
WRITE REGISTER
DQ C,
DQP C
BYTE
WRITE REGISTER
BYTE
WRITE REGISTER
DQ D,
DQP D
BYTE
WRITE REGISTER
DQ D,
DQP D
BYTE
WRITE REGISTER
DQ C,
DQP C
BYTE
WRITE REGISTER
DQ B,
DQP B
BYTE
WRITE REGISTER
DQ A,
DQP A
BYTE
WRITE REGISTER
Logic Block Diagram – CY7C1361C (256K x 36)
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
CE1
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
OUTPUT
BUFFERS
INPUT
REGISTERS
MODE
CE2
CE3
GW
BWE
A0,A1,A
BW B
BW A
DQ B,DQP B
WRITE REGISTER
DQ A,DQP A
WRITE REGISTER
ENABLE
REGISTER
A[1:0]
DQs
DQP A
DQP B
DQ B,DQP B
WRITE DRIVER
DQ A,DQP A
WRITE DRIVER
SLEEP
CONTROL
ZZ
Logic Block Diagram – CY7C1363C (512K x 18)
[+] Feedback


Similar Part No. - CY7C1361C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
More results

Similar Description - CY7C1361C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com