Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALP121AGX Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ALP121AGX
Description  Low-Temperature Polysilicon 1.5-inch TFT LCD Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ALP121AGX Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ALP121AGX Datasheet HTML 1Page - Sanyo Semicon Device ALP121AGX Datasheet HTML 2Page - Sanyo Semicon Device ALP121AGX Datasheet HTML 3Page - Sanyo Semicon Device ALP121AGX Datasheet HTML 4Page - Sanyo Semicon Device ALP121AGX Datasheet HTML 5Page - Sanyo Semicon Device ALP121AGX Datasheet HTML 6Page - Sanyo Semicon Device ALP121AGX Datasheet HTML 7Page - Sanyo Semicon Device ALP121AGX Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ALP121AGX
No.6754-3/8
Pin Function
Pin No
Symbol
Function
1
NC
Leave this pin open
2
COM
Common electrode voltage
3
CKV1
V clock 1
4
CKV2
V clock 2
5
VVDD
VDD for V drive
6
STV
V start signal
7
XSTV
Inverted signal of STV
8
CSV
Up / down inverse control signal (H : Normal scan, L : Reverse scan)
9
ENB
Enable signal
10
XENB
Inverted signal of ENB
11
PCD
Precharge data signal
12
B
Video signal (B)
13
R
Video signal (R)
14
G
Video signal (G)
15
VSS
VSS for V and H drive
16
XPCG
Inverted signal of PCG
17
PCG
Precharge gate signal
18
CSH
Right / left inverse control signal (H : Normal scan, L : Reverse scan)
19
XSTH
Inverted signal of STH
20
STH
H start signal
21
CKH2
H clock 2
22
CKH1
H clock 1
23
HVDD
VDD for H drive
24
NC
Leave this pin open


Similar Part No. - ALP121AGX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP121AAX SANYO-ALP121AAX Datasheet
680Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
ALP121AXX SANYO-ALP121AXX Datasheet
642Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
More results

Similar Description - ALP121AGX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP121AXX SANYO-ALP121AXX Datasheet
642Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
ALP121AAX SANYO-ALP121AAX Datasheet
680Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
ALP027XXX SANYO-ALP027XXX Datasheet
43Kb / 6P
   Low-Temperature Polysilicon 0.33-inch TFT LCD Module
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP237FAX SANYO-ALP237FAX Datasheet
674Kb / 8P
   Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP239CXX SANYO-ALP239CXX Datasheet
641Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP210 SANYO-ALP210 Datasheet
19Kb / 2P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP228CGXC SANYO-ALP228CGXC Datasheet
641Kb / 8P
   Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP234FCX SANYO-ALP234FCX Datasheet
645Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com