Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1480BV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1480BV33
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1480BV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1480BV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1480BV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1480BV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1480BV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1480BV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1480BV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1480BV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1480BV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1480BV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CY7C1480BV33
CY7C1482BV33, CY7C1486BV33
72-Mbit (2M x 36/4M x 18/1M x 72)
Pipelined Sync SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-15145 Rev. *A
Revised March 05, 2008
Features
Supports bus operation up to 250 MHz
Available speed grades are 250, 200, and 167 MHz
Registered inputs and outputs for pipelined operation
3.3V core power supply
2.5V/3.3V IO operation
Fast clock-to-output times
3.0 ns (for 250 MHz device)
Provide high performance 3-1-1-1 access rate
User selectable burst counter supporting Intel
®
Pentium® interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self timed writes
Asynchronous output enable
Single cycle chip deselect
CY7C1480BV33, CY7C1482BV33 available in
JEDEC-standard Pb-free 100-pin TQFP, Pb-free and
non Pb-free 165-ball FBGA package. CY7C1486BV33
available in Pb-free and non-Pb-free 209-ball FBGA package
IEEE 1149.1 JTAG-Compatible Boundary Scan
“ZZ” Sleep Mode option
Functional Description
The CY7C1480BV33, CY7C1482BV33, and CY7C1486BV33
SRAM integrates 2M x 36/4M x 18/1M × 72 SRAM cells with
advanced synchronous peripheral circuitry and a 2-bit counter
for internal burst operation. All synchronous inputs are gated by
registers controlled by a positive-edge-triggered Clock Input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining Chip Enable (CE1), depth-expansion
Chip Enables (CE2 and CE3), Burst Control inputs (ADSC,
ADSP, and ADV), Write Enables (BWX, and BWE), and Global
Write (GW). Asynchronous inputs include the Output Enable
(OE) and the ZZ pin.
Addresses and chip enables are registered at the rising edge of
the clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent burst
addresses may be internally generated as controlled by the
Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self timed write cycle.This part supports byte write
operations (see sections Pin Definitions on page 7 and Truth
Table on page 10 for further details). Write cycles can be one to
two or four bytes wide as controlled by the byte write control
inputs. GW when active LOW causes all bytes to be written.
The CY7C1480BV33, CY7C1482BV33, and CY7C1486BV33
operates from a +3.3V core power supply while all outputs may
operate with either a +2.5 or +3.3V supply. All inputs and outputs
are JEDEC standard JESD8-5 compatible. For best practices
recommendations, refer to the Cypress application note AN1064
“SRAM System Guidelines”.
Selection Guide
Description
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
3.0
3.0
3.4
ns
Maximum Operating Current
500
500
450
mA
Maximum CMOS Standby Current
120
120
120
mA
[+] Feedback


Similar Part No. - CY7C1480BV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
1,017Kb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV33-167AXI CYPRESS-CY7C1480BV33-167AXI Datasheet
1,017Kb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV33-167AXI CYPRESS-CY7C1480BV33-167AXI Datasheet
1,015Kb / 33P
   72-Mbit (2 M 횞 36/4 M 횞 18) Pipelined Sync SRAM
CY7C1480BV33-167BZXC CYPRESS-CY7C1480BV33-167BZXC Datasheet
1,017Kb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV33-167BZXC CYPRESS-CY7C1480BV33-167BZXC Datasheet
1,015Kb / 33P
   72-Mbit (2 M 횞 36/4 M 횞 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1480BV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com