Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSQA12VAW5T2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSQA12VAW5T2
Description  Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSQA12VAW5T2 Datasheet(HTML) 5 Page - ON Semiconductor

  NSQA12VAW5T2 Datasheet HTML 1Page - ON Semiconductor NSQA12VAW5T2 Datasheet HTML 2Page - ON Semiconductor NSQA12VAW5T2 Datasheet HTML 3Page - ON Semiconductor NSQA12VAW5T2 Datasheet HTML 4Page - ON Semiconductor NSQA12VAW5T2 Datasheet HTML 5Page - ON Semiconductor NSQA12VAW5T2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NSQA6V8AW5T2 Series
http://onsemi.com
5
Figure 6. Pulse Width
100
10
1
1
10
100
1000
t, TIME (ms)
Figure 7. Power Derating Curve
TA, AMBIENT TEMPERATURE (°C)
150
125
100
75
50
25
0
90
80
70
60
50
40
30
20
10
0
100
110
Figure 8. Reverse Leakage versus
Temperature
0.16
0.02
0
−60
0
80
100
T, TEMPERATURE (°C)
−40
−20
60
40
20
0.04
0.06
0.08
0.10
0.12
0.14
Figure 9. Capacitance
14
12
10
8
6
4
2
0
01
2
3
6
BIAS VOLTAGE (V)
TA = 25°C
45
6 V
12 V
VF, FORWARD VOLTAGE (V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.1
0.01
0.001
1
TA = 25°C
Figure 10. Forward Voltage


Similar Part No. - NSQA12VAW5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA12VAW5T2 ONSEMI-NSQA12VAW5T2 Datasheet
43Kb / 4P
   Low Capacitance Quad Array for ESD Protection
November, 2004 ??Rev. 3
NSQA12VAW5T2 ONSEMI-NSQA12VAW5T2 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
NSQA12VAW5T2G ONSEMI-NSQA12VAW5T2G Datasheet
43Kb / 4P
   Low Capacitance Quad Array for ESD Protection
November, 2004 ??Rev. 3
NSQA12VAW5T2G ONSEMI-NSQA12VAW5T2G Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
More results

Similar Description - NSQA12VAW5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5_09 Datasheet
159Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
NZQA6V8AXV5T2G ONSEMI-NZQA6V8AXV5T2G Datasheet
164Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SRV05-4MR6 ONSEMI-SRV05-4MR6 Datasheet
183Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
ESD9D3V3C LEIDITECH-ESD9D3V3C Datasheet
981Kb / 2P
   Low Clamping Voltage of Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD208_B1 INFINEON-ESD208_B1_02 Datasheet
3Mb / 17P
   Ultra Low Clamping ESD / Transient Protection Diode
Revision 1.2, 2013-11-29
logo
Formosa MS
ESD5FN24 FORMOSA-ESD5FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3C FORMOSA-ESD9FN3.3C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com