Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSQA6V8AW5T2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSQA6V8AW5T2
Description  Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSQA6V8AW5T2 Datasheet(HTML) 6 Page - ON Semiconductor

  NSQA6V8AW5T2 Datasheet HTML 1Page - ON Semiconductor NSQA6V8AW5T2 Datasheet HTML 2Page - ON Semiconductor NSQA6V8AW5T2 Datasheet HTML 3Page - ON Semiconductor NSQA6V8AW5T2 Datasheet HTML 4Page - ON Semiconductor NSQA6V8AW5T2 Datasheet HTML 5Page - ON Semiconductor NSQA6V8AW5T2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NSQA6V8AW5T2 Series
http://onsemi.com
6
PACKAGE DIMENSIONS
SC−88A/SOT−323/SC−70
5−LEAD PACKAGE
CASE 419A−02
ISSUE J
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent
rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur.
Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries,
affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury
or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an
Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NSQA6V8AW5T2/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NSQA6V8AW5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2 Datasheet
43Kb / 4P
   Low Capacitance Quad Array for ESD Protection
November, 2004 ??Rev. 3
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
logo
Shanghai Leiditech Elec...
NSQA6V8AW5T2 LEIDITECH-NSQA6V8AW5T2 Datasheet
826Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
ON Semiconductor
NSQA6V8AW5T2G ONSEMI-NSQA6V8AW5T2G Datasheet
43Kb / 4P
   Low Capacitance Quad Array for ESD Protection
November, 2004 ??Rev. 3
NSQA6V8AW5T2G ONSEMI-NSQA6V8AW5T2G Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
More results

Similar Description - NSQA6V8AW5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5_09 Datasheet
159Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
NZQA6V8AXV5T2G ONSEMI-NZQA6V8AXV5T2G Datasheet
164Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SRV05-4MR6 ONSEMI-SRV05-4MR6 Datasheet
183Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
ESD9D3V3C LEIDITECH-ESD9D3V3C Datasheet
981Kb / 2P
   Low Clamping Voltage of Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD208_B1 INFINEON-ESD208_B1_02 Datasheet
3Mb / 17P
   Ultra Low Clamping ESD / Transient Protection Diode
Revision 1.2, 2013-11-29
logo
Formosa MS
ESD5FN24 FORMOSA-ESD5FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3C FORMOSA-ESD9FN3.3C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com