Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L05ABDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC78L05ABDR2G
Description  100 mA Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L05ABDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC78L05ABDR2G Datasheet HTML 1Page - ON Semiconductor MC78L05ABDR2G Datasheet HTML 2Page - ON Semiconductor MC78L05ABDR2G Datasheet HTML 3Page - ON Semiconductor MC78L05ABDR2G Datasheet HTML 4Page - ON Semiconductor MC78L05ABDR2G Datasheet HTML 5Page - ON Semiconductor MC78L05ABDR2G Datasheet HTML 6Page - ON Semiconductor MC78L05ABDR2G Datasheet HTML 7Page - ON Semiconductor MC78L05ABDR2G Datasheet HTML 8Page - ON Semiconductor MC78L05ABDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 15
1
Publication Order Number:
MC78L00A/D
MC78L00A Series,
NCV78L00A
100 mA Positive Voltage
Regulators
The MC78L00A Series of positive voltage regulators are
inexpensive, easy−to−use devices suitable for a multitude of
applications that require a regulated supply of up to 100 mA. Like
their higher powered MC7800 and MC78M00 Series cousins, these
regulators feature internal current limiting and thermal shutdown
making them remarkably rugged. No external components are
required with the MC78L00 devices in many applications.
These devices offer a substantial performance advantage over the
traditional zener diode−resistor combination, as output impedance
and quiescent current are substantially reduced.
Features
Wide Range of Available, Fixed Output Voltages
Low Cost
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
No External Components Required
Complementary Negative Regulators Offered (MC79L00A Series)
Pb−Free Packages are Available
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Figure 1. Representative Schematic Diagram
15k
Q1
Q3
Q5
Input
Output
Ground
Q11
Q12
3.0
0-25k
2.85k
5.0k
Q10
3.8k
Q4
Q6
1.2k
1.9k
19k
2.2k
Q9
Q8
C
Q7
1.0k
420
Z1
Q2
Figure 2. Standard Application
A common ground is required between the input and the output voltages. The
input voltage must remain typically 2.0 V above the output voltage even during
the low point on the input ripple voltage.
* Cin is required if regulator is located an appreciable distance from power
supply filter.
** CO is not needed for stability; however, it does improve transient response.
MC78LXXA
Input
Cin*
0.33
mF
CO**
0.1
mF
Output
TO−92
P SUFFIX
CASE 029
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
Pin: 1. Output
2. Ground
3. Input
PIN CONNECTIONS
18
7
6
5
2
3
4
(Top View)
VOUT
GND
GND
VIN
GND
NC
GND
NC
SOIC−8*
D SUFFIX
CASE 751
*SOIC−8 is an internally modified SO−8 package. Pins
2, 3, 6, and 7 are electrically common to the die attach
flag. This internal lead frame modification decreases
package thermal resistance and increases power
dissipation capability when appropriately mounted on
a printed circuit board. SOIC−8 conforms to all ex-
ternal dimensions of the standard SO−8 package.
See general marking information in the device marking
section on page 16 of this data sheet.
DEVICE MARKING INFORMATION
1
8
http://onsemi.com
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3


Similar Part No. - MC78L05ABDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L05ABDR2G ONSEMI-MC78L05ABDR2G Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
MC78L05ABDR2G ONSEMI-MC78L05ABDR2G Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L05ABDR2G ONSEMI-MC78L05ABDR2G Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L05ABDR2G ONSEMI-MC78L05ABDR2G Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results

Similar Description - MC78L05ABDR2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L18ABPG ONSEMI-MC78L18ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com