Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33375D-3.0R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33375D-3.0R2G
Description  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375D-3.0R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33375D-3.0R2G Datasheet HTML 4Page - ON Semiconductor MC33375D-3.0R2G Datasheet HTML 5Page - ON Semiconductor MC33375D-3.0R2G Datasheet HTML 6Page - ON Semiconductor MC33375D-3.0R2G Datasheet HTML 7Page - ON Semiconductor MC33375D-3.0R2G Datasheet HTML 8Page - ON Semiconductor MC33375D-3.0R2G Datasheet HTML 9Page - ON Semiconductor MC33375D-3.0R2G Datasheet HTML 10Page - ON Semiconductor MC33375D-3.0R2G Datasheet HTML 11Page - ON Semiconductor MC33375D-3.0R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC33375, NCV33375 Series
http://onsemi.com
8
1.8 V Option
0.1
80
f, FREQUENCY (kHz)
Figure 16. Output Voltage versus Temperature
Figure 17. Output Voltage versus Input Voltage
Figure 18. Ground Current versus Load Current
Figure 19. Quiescent Current versus Input Voltage
Figure 20. PSRR versus Frequency
60
50
40
30
20
10
0
110
100
1000
-40
TA, AMBIENT TEMPERATURE (°C)
-20
0
20
40
60
80
100
120
1.85
1.81
1.80
1.79
1.78
1.77
1.76
1.75
Figure 21. Enable Response
0
VCC, (V)
13
4
6
2.0
1.8
1.6
0.8
0.6
0.4
0.2
0
TA = 25° C
ILOAD = 0 mA
1.84
1.83
1.82
ILOAD = 100 mA
2
5
1.4
1.2
1.0
0
ILOAD, (mA)
50
100
150
200
250
300
350
12
6
4
2
0
0
VCC, (V)
13
4
6
140
120
40
20
0
TA = 25° C
ILOAD = 0 mA
10
8
2
5
100
80
60
TA = 25° C
VCC = 3 V
70
2 V
0 V
ENABLE
VOUT
VCC = 3 V
ILOAD = 1 mA
TA = 25°C
COUT = 1 mF
0
5
10
15
20
25
30
35
40
45
50
t, TIME (
ms)


Similar Part No. - MC33375D-3.0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375D-3.0R2G ONSEMI-MC33375D-3.0R2G Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375D-3.0R2G ONSEMI-MC33375D-3.0R2G Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results

Similar Description - MC33375D-3.0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com