Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33072ADR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33072ADR2
Description  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33072ADR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33072ADR2 Datasheet HTML 3Page - ON Semiconductor MC33072ADR2 Datasheet HTML 4Page - ON Semiconductor MC33072ADR2 Datasheet HTML 5Page - ON Semiconductor MC33072ADR2 Datasheet HTML 6Page - ON Semiconductor MC33072ADR2 Datasheet HTML 7Page - ON Semiconductor MC33072ADR2 Datasheet HTML 8Page - ON Semiconductor MC33072ADR2 Datasheet HTML 9Page - ON Semiconductor MC33072ADR2 Datasheet HTML 10Page - ON Semiconductor MC33072ADR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4A
http://onsemi.com
7
1. Phase RL = 2.0 k
2. Phase RL = 2.0 k, CL = 300 pF
3. Gain RL = 2.0 k
4. Gain RL = 2.0 k, CL = 300 pF
VCC = +15 V
VEE = 15 V
VO = 0 VTA = 25°C
Phase
Margin = 60
°
Gain
Margin = 12 dB
3
4
1
2
Gain
VCC = +15 V
VEE = -15 V
VO = 0 V
RL = 2.0 k
TA = 25°C
Phase
Phase
Margin
= 60
°
Figure 16. Total Harmonic Distortion
versus Frequency
Figure 17. Total Harmonic Distortion
versus Output Voltage Swing
Figure 18. Open Loop Voltage Gain
versus Temperature
Figure 19. Open Loop Voltage Gain and
Phase versus Frequency
Figure 20. Open Loop Voltage Gain and
Phase versus Frequency
Figure 21. Normalized Gain Bandwidth
Product versus Temperature
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
AV = 1000
AV = 100
AV = 10
AV = 1.0
VCC = +15 V
VEE = -15 V
VO = 2.0 Vpp
RL = 2.0 k
TA = 25°C
VO, OUTPUT VOLTAGE SWING (Vpp)
0
4.0
8.0
12
16
20
VCC = +15 V
VEE = -15 V
RL = 2.0 k
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
VO= -10 V to +10 V
RL = 10 k
f
≤ 10Hz
f, FREQUENCY (Hz)
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
100 M
f, FREQUENCY (MHz)
1.0
2.0
3.0
5.0
7.0
10
20
30
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
RL = 2.0 k
0.4
0.3
0.2
0.1
0
4.0
3.0
2.0
1.0
0
116
112
108
104
100
96
100
80
60
40
20
0
20
10
0
-10
-20
-30
-40
1.15
1.1
1.05
1.0
0.95
0.9
0.85
0
45
90
135
180
100
120
140
160
180


Similar Part No. - MC33072ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33072ADR2 ONSEMI-MC33072ADR2 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC33072ADR2G ONSEMI-MC33072ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33072ADR2G ONSEMI-MC33072ADR2G Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33072ADR2G ONSEMI-MC33072ADR2G Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
MC33072ADR2G ONSEMI-MC33072ADR2G Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
More results

Similar Description - MC33072ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com