Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1455DR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC1455DR2
Description  Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1455DR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC1455DR2 Datasheet HTML 3Page - ON Semiconductor MC1455DR2 Datasheet HTML 4Page - ON Semiconductor MC1455DR2 Datasheet HTML 5Page - ON Semiconductor MC1455DR2 Datasheet HTML 6Page - ON Semiconductor MC1455DR2 Datasheet HTML 7Page - ON Semiconductor MC1455DR2 Datasheet HTML 8Page - ON Semiconductor MC1455DR2 Datasheet HTML 9Page - ON Semiconductor MC1455DR2 Datasheet HTML 10Page - ON Semiconductor MC1455DR2 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC1455, MC1455B, NCV1455B
http://onsemi.com
9
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
MC1455P1
TA = 0°C to +70°C
PDIP−8
50 Units / Rail
MC1455P1G
PDIP−8
(Pb−Free)
50 Units / Rail
MC1455D
SOIC−8
98 Units / Rail
MC1455DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC1455DR2
SOIC−8
2500 Units / Tape & Reel
MC1455DR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC1455BD
TA = −40°C to +85°C
SOIC−8
98 Units / Rail
MC1455BDG
SOIC−8
(Pb−Free)
98 Units / Rail
MC1455BDR2
SOIC−8
2500 Units / Tape & Reel
MC1455BDR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC1455BP1
PDIP−8
50 Units / Rail
MC1455BP1G
PDIP−8
(Pb−Free)
50 Units / Rail
NCV1455BDR2*
TA = −40°C to +125°C
SOIC−8
2500 Units / Tape & Reel
NCV1455BDR2G*
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV prefix is for automotive and other applications requiring site and control changes.


Similar Part No. - MC1455DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455DR2 ONSEMI-MC1455DR2 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455DR2G ONSEMI-MC1455DR2G Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
More results

Similar Description - MC1455DR2

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
NE555DR UMW-NE555DR Datasheet
409Kb / 17P
   NE555 Precision Timers
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com