Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMUN2111LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMUN2111LT1G
Description  Bias Resistor Transistors PNP Silicon Surface Mount Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2111LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MMUN2111LT1G Datasheet HTML 1Page - ON Semiconductor MMUN2111LT1G Datasheet HTML 2Page - ON Semiconductor MMUN2111LT1G Datasheet HTML 3Page - ON Semiconductor MMUN2111LT1G Datasheet HTML 4Page - ON Semiconductor MMUN2111LT1G Datasheet HTML 5Page - ON Semiconductor MMUN2111LT1G Datasheet HTML 6Page - ON Semiconductor MMUN2111LT1G Datasheet HTML 7Page - ON Semiconductor MMUN2111LT1G Datasheet HTML 8Page - ON Semiconductor MMUN2111LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MMUN2111LT1G Series
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2111LT1
100
10
1
0.1
0.01
0.001
0
Vin, INPUT VOLTAGE (VOLTS)
TA =-25°C
25
°C
1
2
3
4
5
6
7
8
9
10
0.01
20
IC, COLLECTOR CURRENT (mA)
0.1
1
0
40
60
80
1000
1
10
100
IC, COLLECTOR CURRENT (mA)
TA =75°C
-25
°C
100
10
75
°C
50
010
20
30
40
4
3
1
2
VR, REVERSE BIAS VOLTAGE (VOLTS)
0
TA =-25°C
25
°C
75
°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
IC/IB =10
VCE = 10 V
0
IC, COLLECTOR CURRENT (mA)
0.1
1
10
100
10
20
30
40
50
TA =-25°C
25
°C
75
°C
VO = 0.2 V
Figure 1. Derating Curve
250
200
150
100
50
0
-50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 625°C/W
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
Figure 6. Input Voltage versus Output Current
25
°C


Similar Part No. - MMUN2111LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1G ONSEMI-MMUN2111LT1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
MMUN2111LT1G ONSEMI-MMUN2111LT1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
December, 2013 ??Rev. 7
MMUN2111LT1G ONSEMI-MMUN2111LT1G Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 8
MMUN2111LT1G ONSEMI-MMUN2111LT1G Datasheet
108Kb / 12P
   Digital Transistors (BRT)
July, 2018 ??Rev. 9
More results

Similar Description - MMUN2111LT1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Diotec Semiconductor
MMBTRC101SS DIOTEC-MMBTRC101SS_15 Datasheet
113Kb / 2P
   Surface Mount Bias Resistor Transistors
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com