Electronic Components Datasheet Search |
|
NCV3304A Datasheet(PDF) 2 Page - ON Semiconductor |
|
NCV3304A Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 25 page MC34071,2,4,A MC33071,2,4,A, NCV33072,4A http://onsemi.com 2 CASE 626/CASE 751 PIN CONNECTIONS (Single, Top View) (Dual, Top View) Offset Null VEE NC VCC Output Offset Null Inputs VEE Inputs 1 Inputs 2 Output 2 Output 1 VCC - 1 2 3 4 8 7 6 5 - - + + 1 2 3 4 8 7 6 5 + Inputs 1 Output 1 VCC Inputs 2 Output 2 Output 4 Inputs 4 VEE Inputs 3 Output 3 (Quad, Top View) 4 2 3 1 1 2 3 4 5 6 78 9 10 11 12 13 14 - + - + + - + - CASE 646/CASE 751A/CASE 948G CASE 510AJ Output 1 NC In 1 In + 1 In + 2 In 2 Output 2 NC VCC VEE/GND (Top View) 1 2 3 4 5 6 7 8 9 10 Offset Null (MC33071, MC34071 only) Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q17 Q18 D2 C2 D3 R6 R7 R8 R5 Q15 Q16 Q14 Q13 Q11 Q10 R2 C1 R1 Q9 Q8 Q12 D1 R3 R4 Inputs VCC Output Current Limit VEE/GND Base Current Cancellation - + Q19 Bias Figure 1. Representative Schematic Diagram (Each Amplifier) MAXIMUM RATINGS Rating Symbol Value Unit Supply Voltage (from VEE to VCC) VS +44 V Input Differential Voltage Range VIDR (Note 1) V Input Voltage Range VIR (Note 1) V Output Short Circuit Duration (Note 2) tSC Indefinite Sec Operating Junction Temperature TJ +150 °C Storage Temperature Range Tstg −60 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Either or both input voltages should not exceed the magnitude of VCC or VEE. 2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded (see Figure 2). |
Similar Part No. - NCV3304A |
|
Similar Description - NCV3304A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |