Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-02G-XTP Datasheet(PDF) 3 Page - ON Semiconductor

Part # FS7140-02G-XTP
Description  Programmable Phase-Locked Loop Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140-02G-XTP Datasheet(HTML) 3 Page - ON Semiconductor

  FS7140-02G-XTP Datasheet HTML 1Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 2Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 3Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 4Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 5Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 6Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 7Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 8Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FS714x
Table 2: FS7145 Pin Descriptions
Pin
Type
Name
Description
1
DI
SCL
Serial interface clock (requires an external pull-up)
2
DIO
SDA
Serial interface data input/output (requires an external pull-up)
3
DID
ADDR0
Address select bit “0”
4
P
VSS
Ground
5
AI
XIN
Crystal oscillator feedback
6
AO
XOUT
Crystal oscillator drive
7
DID
ADDR1
Address select bit “1”
8
P
VDD
Power supply (+3.3V nominal)
9
AI
IPRG
PECL current drive programming
10
-
n/c
No connection
11
P
VSS
Ground
12
DI
U
REF
Reference frequency input
13
DI
U
SYNC
Synchronization input
14
P
VDD
Power supply (+3.3V nominal)
15
DO
CLKP
Clock output
16
DO
CLKN
Inverted clock output
Key: AI: Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-up; DID = Input with Internal Pull-down; DIO = Digital Input/Output;
DI-3 = Three-Level Digital Input; DO = Digital Output; P = Power/Ground; # = Active Low Pin
4.0 Functional Block Diagram
4.1 Phase Locked Loop (PLL)
The PLL is a standard phase- and frequency-locked loop architecture. The PLL consists of a reference divider, a phase-frequency
detector (PFD), a charge pump, an internal loop filter, a voltage-controlled oscillator (VCO), a feedback divider, and a post divider.
The reference frequency (generated by either the on-board crystal oscillator or an external frequency source), is first reduced by the
reference divider. The integer value that the frequency is divided by is called the modulus and is denoted as NR for the reference
divider. This divided reference is then fed into the PFD.
The VCO frequency is fed back to the PFD through the feedback divider (the modulus is denoted by NF).
The PFD will drive the VCO up or down in frequency until the divided reference frequency and the divided VCO frequency appearing at
the inputs of the PFD are equal. The input/output relationship between the reference frequency and the VCO frequency is then:
This basic PLL equation can be rewritten as
A post divider (actually a series combination of three post dividers) follows the PLL and the final equation for device output frequency is:
Rev. 5 | Page 3 of 19 | www.onsemi.com


Similar Part No. - FS7140-02G-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-02G-XTP ONSEMI-FS7140-02G-XTP Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-02G-XTP ONSEMI-FS7140-02G-XTP Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results

Similar Description - FS7140-02G-XTP

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com