Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP5NK60ZFP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP5NK60ZFP
Description  N-CHANNEL 650V @Tjmax - 1.2廓 - 5A TO-220/FP/DPAK Zener-Protected SuperMESH??MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK60ZFP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP5NK60ZFP Datasheet HTML 3Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 4Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 5Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 6Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 7Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 8Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 9Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 10Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
STP5NK60Z - STP5NK60ZFP- STD5NK60Z
Figure 19: Unclamped Inductive Load Test Cir-
cuit
Figure 20: Switching Times Test Circuit For
Resistive Load
Figure 21: Test Circuit For Inductive Load
Switching and Diode Recovery Times
Figure 22: Unclamped Inductive Wafeform
Figure 23: Gate Charge Test Circuit


Similar Part No. - STP5NK60ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK60ZFP STMICROELECTRONICS-STP5NK60ZFP Datasheet
477Kb / 14P
   N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
STP5NK60ZFP STMICROELECTRONICS-STP5NK60ZFP Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
logo
VBsemi Electronics Co.,...
STP5NK60ZFP VBSEMI-STP5NK60ZFP Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Super Junction Power MOSFET
logo
STMicroelectronics
STP5NK60ZFP STMICROELECTRONICS-STP5NK60ZFP Datasheet
582Kb / 24P
   N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
Rev 8 - August 2018
More results

Similar Description - STP5NK60ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK65Z STMICROELECTRONICS-STP5NK65Z Datasheet
286Kb / 9P
   N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?줡ower MOSFET
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
   N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
September 2003
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
   N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
   N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STF3NK100Z STMICROELECTRONICS-STF3NK100Z Datasheet
430Kb / 16P
   N-channel 1000V - 5.4廓 - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH??Power MOSFET
STP7NK30Z STMICROELECTRONICS-STP7NK30Z_05 Datasheet
344Kb / 12P
   N-CHANNEL 300V - 0.80廓 - 5A TO-220/TO-220FP Zener-Protected SuperMESH?줞OSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com