Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI9217 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NI9217
Description  C Series Analog Input Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9217 Datasheet(HTML) 5 Page - National Instruments Corporation

  NI9217 Datasheet HTML 1Page - National Instruments Corporation NI9217 Datasheet HTML 2Page - National Instruments Corporation NI9217 Datasheet HTML 3Page - National Instruments Corporation NI9217 Datasheet HTML 4Page - National Instruments Corporation NI9217 Datasheet HTML 5Page - National Instruments Corporation NI9217 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NI CompactDAQ Ordering Information
5
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Ordering Information
System Chassis
NI cDAQ-9172
U.S. (120 VAC) ..................................................................779508-01
Switzerland (220 VAC) ......................................................779508-02
Australia (240 VAC) ..........................................................779508-03
Europe (240 VAC) ..............................................................779508-04
UK (240 VAC) ....................................................................779508-06
Japan (100 V) ....................................................................779508-07
C Series Modules
Analog Input Modules
NI 9205 ..................................................................................779519-01
NI 9205 with D-Sub ..............................................................779357-01
NI 9206 ..................................................................................779526-01
NI 9211 ..................................................................................779001-01
NI 9215 ..................................................................................779011-01
NI 9215 with BNC..................................................................779138-01
NI 9233 ..................................................................................779015-01
NI 9237 ..................................................................................779521-01
Analog Output Module
NI 9263 ..................................................................................779012-01
Digital Input Modules
NI 9401 ..................................................................................779351-01
NI 9421 ..................................................................................779002-01
NI 9421 with D-Sub ..............................................................779136-01
Digital Output and Relay Modules
NI 9401 ..................................................................................779351-01
NI 9472 ..................................................................................779004-01
NI 9472 with D-Sub ..............................................................779137-01
NI 9481 ..................................................................................779006-01
Accessories
NI 9915 ..................................................................................779018-01
NI 9901 ..................................................................................779473-01
NI 9933 ..................................................................................779103-01
NI 9940 ..................................................................................779567-01
NI 9941 ..................................................................................779568-01
NI 9917 ..................................................................................779454-01
NI 9918 ..................................................................................779455-01
NI 9932 ..................................................................................779017-01
NI 9936 ..................................................................................779105-01
Academic Bundles
Standard Bundle ....................................................................777448-60
Instrumentation Bundle ........................................................777448-61
DSA (Sound and Vibration) Bundle ......................................777448-62
OEM Discounts Available
NI offers aggressive OEM pricing discounts for high-volume OEM
applications. Contact NI for a quote.
1Visit ni.com/compactrio or ni.com/compactdaq for up-to-date information
on module availability.
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/compactdaq.


Similar Part No. - NI9217

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9217 NI-NI9217 Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
NI9217 NI-NI9217 Datasheet
1Mb / 5P
   C Series Analog Output Modules
NI9217 NI-NI9217 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
More results

Similar Description - NI9217

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9263 NI-NI9263 Datasheet
1Mb / 5P
   C Series Analog Output Modules
logo
Opto Electronics Co,. L...
SNAP-AIV E-OEC-SNAP-AIV Datasheet
1Mb / 46P
   SNAP Analog Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
Grayhill, Inc
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
   Analog Voltage Input Modules
logo
National Instruments Co...
NI9401 NI-NI9401 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com