Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8062IVPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8062IVPBF
Description  32VIN, 2A 關Module Power Tracking Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062IVPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8062IVPBF Datasheet HTML 2Page - Linear Technology LTM8062IVPBF Datasheet HTML 3Page - Linear Technology LTM8062IVPBF Datasheet HTML 4Page - Linear Technology LTM8062IVPBF Datasheet HTML 5Page - Linear Technology LTM8062IVPBF Datasheet HTML 6Page - Linear Technology LTM8062IVPBF Datasheet HTML 7Page - Linear Technology LTM8062IVPBF Datasheet HTML 8Page - Linear Technology LTM8062IVPBF Datasheet HTML 9Page - Linear Technology LTM8062IVPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8062
6
8062f
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Rise vs IBAT,
14.4V Float Voltage
VIN Standby Mode Current
vs Temperature
Temperature Rise vs IBAT,
7.2V Float Voltage
Temperature Rise vs IBAT,
8.4V Float Voltage
GND (Bank 1, Pin L7): Power and Signal Ground Return.
BAT (Bank 2): Battery Charge Current Output Bus. The charge
function operates to achieve the final float voltage at this pin.
The auto-restart feature initiates a new charging cycle when
the voltage at the ADJ pin falls 2.5% below the float voltage.
Once the charge cycle is terminated, the input bias current of
the BAT pin is reduced to minimize battery discharge while
the charger remains connected.
VINA (Bank 3): Anode of input reverse protection Schottky
diode. Connect the input power here if input reverse voltage
protection is desired.
VIN (Bank 4): Charger Input Supply. Decouple with at least
4.7μF to GND. Connect the input power here if no input reverse
voltage protection is needed.
BIAS (Pin G7):TheBIASpinconnectstotheinternalpowerbus.
In most cases connect to VBAT. If this is not desirable, connect
to a power source greater than 2.8V and less than 10V.
CHRG (Pin K7): Open-Collector Charger Status Output; typi-
cally pulled up through a resistor to a reference voltage. This
status pin can be pulled up to voltages as high as VIN and can
sink currents up to 10mA. During a battery charging cycle,
CHRG is pulled low. When the charge current falls below C/10,
PIN FUNCTIONS
IBAT (mA)
0
0
5
1000
30
8062 G19
500
1500
2000
10
15
20
25
VINA = 24V
VINA = 12V
IBAT (mA)
0
0
5
1000
30
8062 G20
500
1500
2000
10
15
20
25
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
1000
40
8062 G21
500
1500
2000
10
15
20
25
30
35
VINA = 24V
TEMPERATURE (°C)
–50
0
50
6
8062 G22
0
100
1
2
3
4
5
VINA = 24V
VINA = 12V
TA = 25°C, unless otherwise noted.


Similar Part No. - LTM8062IVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062 LINER-LTM8062 Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062/ LINER-LTM8062/ Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062A LINER-LTM8062A Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
More results

Similar Description - LTM8062IVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
   Power Tracking 2A Battery Charger
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
   Power Tracking 2A Battery Charger
LT3652 LINER-LT3652 Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LTM8061 LINER-LTM8061 Datasheet
208Kb / 20P
   32V, 2A 關Module Li-Ion/ Polymer Battery Charger
LTM8061 LINER-LTM8061_15 Datasheet
390Kb / 22P
   32V, 2A Module Li-Ion/ Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com