Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCI-5154 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPCI-5154
Description  High-Speed Digitizers-Optimized for Automated Test
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-5154 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPCI-5154 Datasheet HTML 1Page - National Instruments Corporation NIPCI-5154 Datasheet HTML 2Page - National Instruments Corporation NIPCI-5154 Datasheet HTML 3Page - National Instruments Corporation NIPCI-5154 Datasheet HTML 4Page - National Instruments Corporation NIPCI-5154 Datasheet HTML 5Page - National Instruments Corporation NIPCI-5154 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NI High-Speed Digitizers: Optimized
for Automated Test
Prior to these products, high-bandwidth digitizers and oscilloscopes have
incorporated features and functionality best suited for benchtop use. An
unaddressed area in this high-bandwidth space has been the automated
test use model, where measurement throughput and test system
footprint can dramatically affect overall cost of test.
NI high-speed digitizers are the first high-bandwidth digitizers on the
market that share three characteristics making them uniquely optimized
for automated test: high data throughput, tight synchronization between
channels, and ease of integration with other instrumentation.
High Data Throughput
Bus bandwidth and latency, two common considerations for an automated
test system, dictate the overall speed of your measurement system.
Latency describes the amount of time it takes for an instrument to respond
to a remote command, like a measurement query. Bus bandwidth refers
primarily to the data throughput capacity of the data bus that connects the
measurement instrument with the host PC or controller.
The PXI platform – upon which NI high-speed digitizers are built –
provides high speed due to the high-bandwidth and low-latency PCI and
PCI Express buses. Both PXI and PXI Express data throughput rates are
significantly faster than that of GPIB, USB, or LAN – other popular buses
for automating test instrumentation. This translates to lower test times.
Tight Synchronization between Channels
The PXI backplane offers a built-in common reference clock for
synchronization of multiple digitizers in a measurement or control
system. Each slot has a 10 MHz TTL clock, transmitted on equal-length
traces, providing picosecond-level synchronization between digitizer
modules for high-channel-count systems. For example, it is possible to
have 34 phase-synchronous 1 GS/s channels in a single PXI chassis, and
even scale to higher channel counts.
Ease of Integration with Other Instrumentation
Test systems typically contain many instrument types, including signal
sources, measurement devices, and switches. The PXI platform has
unparalleled breadth, with modules for analog and digital I/O, high-
speed instrumentation, vision, motion, and numerous bus interfaces.
More than 1,500 PXI modules are available from the more than 70
members of the PXI Systems Alliance (PXISA). So you can not only build
a comprehensive test system in a single chassis but also synchronize
modules in that chassis to picosecond-level accuracy when using
NI modular instrumentation.
High-Speed Digitizers – Optimized for Automated Test
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Figure 1. The PXI platform provides the best combination of high-bandwidth and
low-latency measurement throughput.
Figure 2. The PXI platform delivers picosecond-level synchronization
between instrument modules.
Figure 3. The PXI platform supports more than 1,500 instrument modules.


Similar Part No. - NIPCI-5154

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-5105 NI-NIPCI-5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
NIPCI-5114 NI-NIPCI-5114 Datasheet
508Kb / 4P
   250 MS/s, 125 MHz, 8-Bit Digitizers
NIPCI-5124 NI-NIPCI-5124 Datasheet
189Kb / 3P
   150MHz,200MS/s,12-BitDigitizersa
More results

Similar Description - NIPCI-5154

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOXT3NFC KEYSIGHT-DSOXT3NFC Datasheet
2Mb / 14P
   Automated NFC Test Software
logo
Guangdong Youtai Semico...
RCLAMP052XP UMW-RCLAMP052XP Datasheet
409Kb / 5P
   Package design optimized for high speed lines
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
181Kb / 7P
   Optimized for hard switching speed
Revision: 10-Jun-15
logo
Keysight Technologies
U1084A KEYSIGHT-U1084A Datasheet
1Mb / 20P
   Acqiris High-Speed PCIe Digitizers with On-Board Signal Processing
U3040AK KEYSIGHT-U3040AK Datasheet
857Kb / 8P
   Agilent Yellowstone 3.0 Automated Test Process Center
logo
Vishay Siliconix
VS-GB200TS60NPBF VISHAY-VS-GB200TS60NPBF Datasheet
204Kb / 9P
   Ultrafast: optimized for hard switching speed
Revision: 10-Jun-15
logo
Keysight Technologies
L4532A KEYSIGHT-L4532A Datasheet
1Mb / 9P
   High-Resolution LXI Digitizers
logo
Texas Instruments
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com