Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8061EV-4.1PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8061EV-4.1PBF
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061EV-4.1PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8061EV-4.1PBF Datasheet HTML 3Page - Linear Technology LTM8061EV-4.1PBF Datasheet HTML 4Page - Linear Technology LTM8061EV-4.1PBF Datasheet HTML 5Page - Linear Technology LTM8061EV-4.1PBF Datasheet HTML 6Page - Linear Technology LTM8061EV-4.1PBF Datasheet HTML 7Page - Linear Technology LTM8061EV-4.1PBF Datasheet HTML 8Page - Linear Technology LTM8061EV-4.1PBF Datasheet HTML 9Page - Linear Technology LTM8061EV-4.1PBF Datasheet HTML 10Page - Linear Technology LTM8061EV-4.1PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8061
7
8061f
PIN FUNCTIONS
GND (Bank 1): Power and Signal Ground Return.
BAT (Bank 2): Battery Charge Current Output Bus. The
charge function operates to achieve the final float voltage
at this pin. The auto-restart feature initiates a new charge
cycle when the voltage at the BAT pin falls 2.5% below
the float voltage. Once the charge cycle is terminated, the
input bias current of the BAT pin is reduced to minimize
battery discharge while the charger remains connected.
In most applications, connect BIAS to BAT.
VINA (Bank 3): Anode of Input Reverse Protection Schottky
Diode. Connect the input power here if input voltage
protection is desired.
VINC/CLP (Bank 4): This pad bank connects to the cathode
of the input reverse protection diode. In addition, system
current levels can be monitored by connecting a sense
resistor from this pin to the VIN pin. Additional system
load is drawn from the VIN pin connection, and maximum
system load is achieved when VVINC/CLP – VVIN= 50mV. The
LTM8061 servos the charge current required to maintain
programmed maximum system current. If this function is
not desired, connect the VINC/CLP pin to the VIN pin (see
the Applications Information section). Do not raise this
pin above VIN + 0.5V.
VIN (Bank 5): Charger Input Supply. Apply CIN here. Con-
nect the input power here if no input power rectification
is required.
BIAS (Pin G7): The BIAS pin connects to the internal power
bus. Connect to a power source greater than 2.5V and less
than 10V. In most applications, connect BIAS to BAT.
CHRG (Pin K7): Open-Collector Charger Status Output.
Typically pulled up through a resistor to a reference volt-
age. This status pin can be pulled up to voltages as high
as VIN and can sink currents up to 10mA. During a battery
charge cycle, CHRG is pulled low. When the charge cycle
terminates, the CHRG pin becomes high impedance. If
the internal timer is used for termination, the pin stays
low during the charge cycle until the charge current drops
below a C/10 rate even though the charger will continue to
top off the battery until the end-of-charge timer terminates
the charge cycle. A temperature fault also causes this pin
to be pulled low (see the Applications Information sec-
tion). If RUN is low, or the LTM8061 is otherwise powered
down, the state of the CHRG pin is invalid.
NTC (Pin H6): Battery Temperature Monitor Pin. This pin
is the input to the NTC (negative temperature coefficient)
thermistor temperature monitoring circuit. This function is
enabled by connecting a 10kΩ,
β = 3380 NTC thermistor
from the NTC pin to ground. The pin sources 50μA, and
monitors the voltage across the 10kΩ thermistor. When
the voltage on this pin is above 1.36V (T < 0°C) or below
0.29V (T > 40°C), charging is disabled and the CHRG and
FAULT pins are both pulled low. If internal timer termina-
tion is being used, the timer is paused, suspending the
charge cycle. Charging resumes when the voltage on NTC
returns to within the 0.29V to 1.36V active region. There
is approximately 5°C of temperature hysteresis associated
with each of the temperature thresholds. The temperature
monitoring function remains enabled while thermistor
resistance to ground is less than 250kΩ. If this function
is not desired, leave the NTC pin unconnected.


Similar Part No. - LTM8061EV-4.1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8061 LINER-LTM8061 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8061 LINER-LTM8061 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM8061 LINER-LTM8061 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8061 LINEAR_DIMENSIONS-LTM8061 Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM8061 LINER-LTM8061 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
More results

Similar Description - LTM8061EV-4.1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8061 LINER-LTM8061_15 Datasheet
390Kb / 22P
   32V, 2A Module Li-Ion/ Polymer Battery Charger
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com