Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTN7930 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTN7930
Description  High Current PN Half Bridge NovalithIC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN7930 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTN7930 Datasheet HTML 2Page - Infineon Technologies AG BTN7930 Datasheet HTML 3Page - Infineon Technologies AG BTN7930 Datasheet HTML 4Page - Infineon Technologies AG BTN7930 Datasheet HTML 5Page - Infineon Technologies AG BTN7930 Datasheet HTML 6Page - Infineon Technologies AG BTN7930 Datasheet HTML 7Page - Infineon Technologies AG BTN7930 Datasheet HTML 8Page - Infineon Technologies AG BTN7930 Datasheet HTML 9Page - Infineon Technologies AG BTN7930 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
6
Rev. 1.1, 2007-11-21
High Current PN Half Bridge
BTN7930
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Supply Voltage
V
S
-0.3
45
V
4.1.2
Logic Input Voltage
V
IN
V
INH
-0.3
5.3
V
4.1.3
Voltage at SR Pin
V
SR
-0.3
1.0
V
4.1.4
Voltage between VS and IS Pin
V
S -VIS
-0.3
45
V
4.1.5
Voltage at IS Pin
V
IS
-20
45
V
Currents
4.1.6
HS/LS Continuous Drain Current2)
2) Maximum reachable current may be smaller depending on current limitation level
I
D(HS)
I
D(LS)
-20
20
A
T
C < 85°C
switch active
-18
18
A
T
C < 125°C
switch active
4.1.7
HS/LS Pulsed Drain Current2)
I
D(HS)
I
D(LS)
-50
50
A
T
C < 85°C
t
pulse = 10ms
single pulse
-46
46
A
T
C < 125°C
t
pulse = 10ms
single pulse
4.1.8
HS/LS PWM Current2)
I
D(HS)
I
D(LS)
-26
26
A
T
C < 85°C
f = 1kHz, DC = 50%
-23
23
A
T
C < 125°C
f = 1kHz, DC = 50%
-28
28
A
T
C < 85°C
f = 20kHz, DC = 50%
-25
25
A
T
C < 125°C
f = 20kHz, DC = 50%
Temperatures
4.1.9
Junction Temperature
T
j
-40
150
°C–
4.1.10
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.11
ESD Susceptibility HBM
IN, INH, SR, IS
OUT, GND, VS
V
ESD
-2
-4
2
4
kV
HBM3)
3) ESD susceptibility, HBM according to EIA/JESD22-A114-B (1.5 k
Ω, 100 pF)


Similar Part No. - BTN7930

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
More results

Similar Description - BTN7930

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com