Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8300 Datasheet(PDF) 3 Page - Intel Corporation

Part # T8300
Description  Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T8300 Datasheet(HTML) 3 Page - Intel Corporation

  T8300 Datasheet HTML 1Page - Intel Corporation T8300 Datasheet HTML 2Page - Intel Corporation T8300 Datasheet HTML 3Page - Intel Corporation T8300 Datasheet HTML 4Page - Intel Corporation T8300 Datasheet HTML 5Page - Intel Corporation T8300 Datasheet HTML 6Page - Intel Corporation T8300 Datasheet HTML 7Page - Intel Corporation T8300 Datasheet HTML 8Page - Intel Corporation T8300 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
Datasheet
3
Contents
1Introduction ..............................................................................................................7
1.1
Terminology .......................................................................................................8
1.2
References .........................................................................................................9
2
Low Power Features ................................................................................................ 11
2.1
Clock Control and Low-Power States .................................................................... 11
2.1.1
Core Low-Power State Descriptions........................................................... 13
2.1.2
Package Low-Power State Descriptions...................................................... 15
2.2
Enhanced Intel SpeedStep® Technology .............................................................. 19
2.3
Extended Low-Power States................................................................................ 20
2.4
FSB Low-Power Enhancements............................................................................ 21
2.4.1
Dynamic FSB Frequency Switching ........................................................... 21
2.4.2
Intel® Dynamic Acceleration Technology................................................... 22
2.5
VID-x .............................................................................................................. 22
2.6
Processor Power Status Indicator (PSI-2) Signal .................................................... 22
3
Electrical Specifications ........................................................................................... 23
3.1
Power and Ground Pins ...................................................................................... 23
3.2
FSB Clock (BCLK[1:0]) and Processor Clocking...................................................... 23
3.3
Voltage Identification ......................................................................................... 23
3.4
Catastrophic Thermal Protection .......................................................................... 26
3.5
Reserved and Unused Pins.................................................................................. 27
3.6
FSB Frequency Select Signals (BSEL[2:0])............................................................ 27
3.7
FSB Signal Groups............................................................................................. 27
3.8
CMOS Signals ................................................................................................... 29
3.9
Maximum Ratings.............................................................................................. 29
3.10 Processor DC Specifications ................................................................................ 30
4
Package Mechanical Specifications and Pin Information .......................................... 37
4.1
Package Mechanical Specifications ....................................................................... 37
4.2
Processor Pinout and Pin List .............................................................................. 46
5
Thermal Specifications ............................................................................................ 71
5.1
Thermal Features .............................................................................................. 73
5.1.1
Thermal Diode ....................................................................................... 73
5.1.2
Intel® Thermal Monitor........................................................................... 74
5.1.3
Digital Thermal Sensor............................................................................ 76
5.2
Out of Specification Detection ............................................................................. 77
5.3
PROCHOT# Signal Pin ........................................................................................ 77


Similar Part No. - T8300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
T8300A MOLEX11-T8300A Datasheet
26Kb / 3P
   Terminator Die
logo
Taiwan Memory Technolog...
T8300AD TMT-T8300AD Datasheet
163Kb / 10P
   PWM Control 1200mA Step-Down Converter
logo
Molex Electronics Ltd.
T8300B MOLEX11-T8300B Datasheet
26Kb / 3P
   Terminator Die
T8300J MOLEX11-T8300J Datasheet
24Kb / 1P
   Terminator Die
T8300P MOLEX11-T8300P Datasheet
25Kb / 1P
   Terminator Die
More results

Similar Description - T8300

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X6800 INTEL-X6800 Datasheet
1Mb / 122P
   Core2 Extreme Processor
QX9775 INTEL-QX9775 Datasheet
987Kb / 90P
   Intel Core2 Extreme Processor
313278-008 INTEL-313278-008 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Axiomtek Co., Ltd.
SHB210 AXIOMTEK-SHB210_17 Datasheet
284Kb / 1P
   Socket M for Intel Core2 Duo and Celeron M Processor
logo
Intel Corporation
T7100 INTEL-T7100 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
List of Unclassifed Man...
CT-60 ETC2-CT-60 Datasheet
233Kb / 1P
   Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
logo
Protech Systems Co., Lt...
BPC-8090 PROTECHSYSTEMS-BPC-8090 Datasheet
474Kb / 2P
   High Performance Core2 Duo Book Size PC
logo
List of Unclassifed Man...
PXI-3920 ETC2-PXI-3920 Datasheet
698Kb / 2P
   3U Intel Core2 Duo T7500 2.2GHz/ Pentium M 760 Single-Core Processor-based PXI Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com