Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2300 Datasheet(PDF) 11 Page - Intel Corporation

Part # T2300
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2300 Datasheet(HTML) 11 Page - Intel Corporation

Back Button T2300 Datasheet HTML 7Page - Intel Corporation T2300 Datasheet HTML 8Page - Intel Corporation T2300 Datasheet HTML 9Page - Intel Corporation T2300 Datasheet HTML 10Page - Intel Corporation T2300 Datasheet HTML 11Page - Intel Corporation T2300 Datasheet HTML 12Page - Intel Corporation T2300 Datasheet HTML 13Page - Intel Corporation T2300 Datasheet HTML 14Page - Intel Corporation T2300 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Datasheet
11
Low Power Features
2
Low Power Features
2.1
Clock Control and Low Power States
The Intel Core Duo processor and Intel Core Solo processor support low power states
both at the individual core level and the package level for optimal power management.
A core may independently enter the C1/AutoHALT, C1/MWAIT, C2, C3, and C4 low
power states. Refer to Figure 2 for a visual representation of the core low power states
for the Intel Core Duo processor and Intel Core Solo processor. When both cores
coincide in a common core low power state, the central power management logic
ensures the Intel Core Duo processor enters the respective package low power state by
initiating a P_LVLx (P_LVL2, P_LVL3, and P_LVL4) I/O read to the Mobile Intel 945
Express Chipset family. Package low power states include Normal, Stop Grant, Stop
Grant Snoop, Sleep, Deep Sleep, and Deeper Sleep. Refer Figure 1 for a visual
representation of the package low-power states for the Intel Core Duo processor and
Intel Core Solo processor and to Table 1 for a mapping of core low power states to
package low power states.
The processor implements two software interfaces for requesting low power states:
MWAIT instruction extensions with sub-state hints and P_LVLx reads to the ACPI P_BLK
register block mapped in the processor’s I/O address space. The P_LVLx I/O reads are
converted to equivalent MWAIT C-state requests inside the processor and do not
directly result in I/O reads on the processor FSB. The monitor address does not need to
be setup before using the P_LVLx I/O read interface. The sub-state hints used for each
P_LVLx read can be configured in a software programmable MSR.
When software running on a core requests the C4 state, that core enters the core C4
state, which is identical to the core C3 state. When both cores have requested C4 then
the Intel Core Duo processor will enter the Deeper Sleep state.
If a core encounters a chipset break event while STPCLK# is asserted, then it asserts
the PBE# output signal. Assertion of PBE# when STPCLK# is asserted indicates to
system logic that individual cores should return to the C0 state and the Intel Core Duo
processor should return to the Normal state. Same mechanism is also applicable for the
Intel Core Solo processor.
NOTE:
1.
AutoHALT or MWAIT/C1.
Table 1.
Coordination of Core-Level Low Power States at the Package Level
Resolved
Package State
Single
Core
Dual Core: Core1 State
C0
C11
C2
C3
C4
C0
Normal
Normal
Normal
Normal
Normal
Normal
C1
Normal
Normal
Normal
Normal
Normal
Normal
C2
Stop Grant
Normal
Normal
Stop Grant
Stop Grant
Stop Grant
C3
Deep Sleep
Normal
Normal
Stop Grant
Deep Sleep
Deep Sleep
C4
Deeper Sleep
Normal
Normal
Stop Grant
Deep Sleep
Deeper Sleep /
Intel®
Enhanced
Deeper Sleep


Similar Part No. - T2300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2300 ETC-T2300 Datasheet
266Kb / 5P
   SENSITIVE GATE SILICON TRIACS
logo
Systemsensor advanced i...
T2300 SYSTEMSENSOR-T2300 Datasheet
761Kb / 2P
   Photoelectronic Smoke detector with Electronic Heat Sensing
logo
New Jersey Semi-Conduct...
T2300 NJSEMI-T2300 Datasheet
137Kb / 2P
   2.5-A Sensitive-Gate Silicon Triacs
T2300A NJSEMI-T2300A Datasheet
137Kb / 2P
   2.5-A Sensitive-Gate Silicon Triacs
T2300B NJSEMI-T2300B Datasheet
137Kb / 2P
   2.5-A Sensitive-Gate Silicon Triacs
More results

Similar Description - T2300

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com