Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-0224AZ-FL-YBW Datasheet(PDF) 10 Page - Newhaven Display International, Inc.

Part # NHD-0224AZ-FL-YBW
Description  Liquid Crystal Display Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-0224AZ-FL-YBW Datasheet(HTML) 10 Page - Newhaven Display International, Inc.

Back Button NHD-0224AZ-FL-YBW Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-0224AZ-FL-YBW Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-0224AZ-FL-YBW Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-0224AZ-FL-YBW Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-0224AZ-FL-YBW Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-0224AZ-FL-YBW Datasheet HTML 11Page - Newhaven Display International, Inc. NHD-0224AZ-FL-YBW Datasheet HTML 12Page - Newhaven Display International, Inc. NHD-0224AZ-FL-YBW Datasheet HTML 13Page - Newhaven Display International, Inc. NHD-0224AZ-FL-YBW Datasheet HTML 14Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NHD-0224AZ-FL-YBW
Newhaven Display
10
NOTE:
When an MPU program with checking the busy flag (DB7) is made, it must be necessary 1/2fosc is
necessary for executing the next instruction by the falling edge of the “E” signal after the busy flag (DB7) goes
to “Low”.
11.3Contents
1) Clear display
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
1
Clear all the display data by writing “20H” (space code) to all DDRAM address, and set DDRAM address
to “00H” into AC (address counter).
Return cursor to the original status, namely, bring the cursor to the left edge on the fist line of the display.
Make the entry mode increment (I/D=“High”).
2) Return home
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
1
-
Return home is cursor return home instruction.
Set DDRAM address to “00H” into the address counter.
Return cursor to its original site and return display to its original status, if shifted.
Contents of DDRAM does not change.
3) Entry mode set
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
1
I/D
SH
Set the moving direction of cursor and display.
I/D: increment / decrement of DDRAM address (cursor or blink)
When I/D=“high”, cursor/blink moves to right and DDRAM address is increased by 1.
When I/D=“Low”, cursor/blink moves to left and DDRAM address is increased by 1.
*CGRAM operates the same way as DDRAM, when reading from or writing to CGRAM.
SH: shift of entire display
When DDRAM read (CGRAM read/write) operation or SH=“Low”, shifting of entire display is not performed. If
SH =“High” and DDRAM write operation, shift of entire display is performed according to I/D value. (I/D=“high”.
shift left, I/D=“Low”. Shift right).
4) Display ON/OFF control
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
1
D
C
B
Control display/cursor/blink ON/OFF 1 bit register.
D: Display ON/OFF control bit
When D=“High”, entire display is turned on.
When D=“Low”, display is turned off, but display data remains in DDRAM.
C: cursor ON/OFF control bit
When D=“High”, cursor is turned on.
When D=“Low”, cursor is disappeared in current display, but I/D register preserves its data.
B: Cursor blink ON/OFF control bit
When B=“High”, cursor blink is on, which performs alternately between all the “High” data and display
characters at the cursor position.
When B=“Low”, blink is off.
5) Cursor or display shift
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0


Similar Part No. - NHD-0224AZ-FL-YBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0224AZ-FSW-GBW NEWHAVEN-NHD-0224AZ-FSW-GBW Datasheet
717Kb / 12P
   Character Liquid Crystal Display Module
More results

Similar Description - NHD-0224AZ-FL-YBW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GDM12864A ETC-GDM12864A Datasheet
198Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G191D SII-G191D Datasheet
1Mb / 27P
   LIQUID CRYSTAL DISPLAY MODULE?
G482C SII-G482C Datasheet
1Mb / 22P
   LIQUID CRYSTAL DISPLAY MODULE?
logo
Newhaven Display Intern...
NHD-0416B1Z-FSPG-YBW-L3V NEWHAVEN-NHD-0416B1Z-FSPG-YBW-L3V Datasheet
857Kb / 21P
   Liquid Crystal Display Module
logo
HB Electronic Component...
ATM1602B HB-ATM1602B Datasheet
296Kb / 11P
   Liquid Crystal Display Module
ATM4004A HB-ATM4004A Datasheet
379Kb / 11P
   Liquid Crystal Display Module
logo
Newhaven Display Intern...
NHD-0140AZ-FL-YBW NEWHAVEN-NHD-0140AZ-FL-YBW Datasheet
707Kb / 10P
   Liquid Crystal Display Module
NHD-2.4-240320SF-CTXI-FT1 NEWHAVEN-NHD-2.4-240320SF-CTXI-FT1 Datasheet
839Kb / 11P
   Liquid Crystal Display Module
NHD-3.5-320240YF-ATXL NEWHAVEN-NHD-3.5-320240YF-ATXL Datasheet
790Kb / 9P
   Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI NEWHAVEN-NHD-5.7-320240WFB-ETXI Datasheet
659Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G321EV SII-G321EV Datasheet
1Mb / 33P
   LIQUID CRYSTAL DISPLAY MODULE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com