Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2500 Datasheet(PDF) 4 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 4 Page - Intel Corporation

  T2500 Datasheet HTML 1Page - Intel Corporation T2500 Datasheet HTML 2Page - Intel Corporation T2500 Datasheet HTML 3Page - Intel Corporation T2500 Datasheet HTML 4Page - Intel Corporation T2500 Datasheet HTML 5Page - Intel Corporation T2500 Datasheet HTML 6Page - Intel Corporation T2500 Datasheet HTML 7Page - Intel Corporation T2500 Datasheet HTML 8Page - Intel Corporation T2500 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
4
Datasheet
5.1.6
PROCHOT# Signal Pin .............................................................................90
Figures
1
Package-Level Low Power States ................................................................................12
2
Core Low Power States..............................................................................................12
3
Active VCC and ICC Loadline for Intel Core Duo Processor (SV, LV & ULV) and
Intel Core Solo Processor SV ......................................................................................35
4
Deeper Sleep VCC and ICC Loadline for Intel Core Duo Processor (SV, LV & ULV) and
Intel Core Solo Processor SV ......................................................................................36
5
Active VCC and ICC Loadline for Intel Core Solo Processor ULV .......................................37
6
Deeper Sleep VCC and ICC Loadline for Intel Core Solo Processor ULV ..............................38
7
Micro-FCPGA Processor Package Drawing (Sheet 1 of 2) ................................................42
8
Micro-FCPGA Processor Package Drawing (Sheet 2 of 2) ................................................43
9
Micro-FCBGA Processor Package Drawing (Sheet 1 of 2) ................................................44
10
Micro-FCBGA Processor Package Drawing (Sheet 2 of 2) ...............................................45
Tables
1
Coordination of Core-Level Low Power States at the Package Level .................................11
2
Voltage Identification Definition..................................................................................21
3
BSEL[2:0] Encoding for BCLK Frequency......................................................................25
4
FSB Pin Groups ........................................................................................................26
5
Processor DC Absolute Maximum Ratings.....................................................................27
6
Voltage and Current Specifications for Intel Core Duo Processor SV (Standard Voltage) .....28
7
Voltage and Current Specifications for Intel Core Solo Processor SV (Standard Voltage) .....30
8
Voltage and Current Specifications for Intel Core Duo Processor LV (Low Voltage) .............31
9
Voltage and Current Specifications Intel Core Duo Processor Ultra Low Voltage (ULV) ........32
10 Voltage and Current Specifications for Intel Core Solo Processor ULV (Ultra Low Voltage)...33
11 FSB Differential BCLK Specifications ............................................................................39
12 AGTL+ Signal Group DC Specifications ........................................................................39
13 CMOS Signal Group DC Specifications..........................................................................40
14 Open Drain Signal Group DC Specifications ..................................................................40
15 The Coordinates of the Processor Pins as Viewed from the Top of the Package ..................47
16 The Coordinates of the Processor Pins as Viewed from the Top of the Package .................48
17 Signal Description.....................................................................................................49
18 Pin Listing by Pin Name .............................................................................................59
19 Pin Listing by Pin Number ..........................................................................................69
20 Power Specifications for the Intel Core Duo Processor SV (Standard Voltage) ...................80
21 Power Specifications for the Intel Core Solo Processor SV (Standard Voltage) ...................81
22 Power Specifications for the Intel Core Duo Processor LV (Low Voltage) ...........................82
23 Power Specifications for the Intel Core Duo Processor, Ultra Low Voltage (ULV) ................83
24 Power Specifications for the Intel Core Solo Processor ULV (Ultra Low Voltage) .................84
25 Thermal Diode Interface ............................................................................................85
26 Thermal Diode Parameters using Diode Mode ...............................................................86
27 Thermal Diode Parameters using Transistor Mode .........................................................86
28 Thermal Diode ntrim and Diode Correction Toffset..........................................................87


Similar Part No. - T2500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
logo
Digitron Semiconductors
T2500 DIGITRON-T2500 Datasheet
122Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T2500 NJSEMI-T2500 Datasheet
97Kb / 2P
   Triacs Silicon Bidirectional Thyristors
logo
E-SWITCH
T250000 E-SWITCH-T250000 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T250002 E-SWITCH-T250002 Datasheet
74Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T2500

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com