Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

353 Datasheet(PDF) 7 Page - Intel Corporation

Part # 353
Description  Celeron M Processor on 90 nm Process
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

353 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 353 Datasheet HTML 3Page - Intel Corporation 353 Datasheet HTML 4Page - Intel Corporation 353 Datasheet HTML 5Page - Intel Corporation 353 Datasheet HTML 6Page - Intel Corporation 353 Datasheet HTML 7Page - Intel Corporation 353 Datasheet HTML 8Page - Intel Corporation 353 Datasheet HTML 9Page - Intel Corporation 353 Datasheet HTML 10Page - Intel Corporation 353 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Datasheet
7
Introduction
1
Introduction
The Intel® Celeron® M processor based on 90 nm process technology is a high-
performance, low-power mobile processor with several enhancements over previous
mobile Celeron processors.
Throughout this document, the term Celeron M processor signifies Intel Celeron M
processor based on 90 nm technology.
This document contains specification for the Celeron M processor 390, 380, 370, 360J,
360, 350J, 350Δ and the Celeron M processor Ultra Low Voltage 383, 373, 353Δ.
Note:
ΔIntel processor numbers are not a measure of performance. Processor numbers
differentiate features within each processor family, not across different processor
families. See www.intel.com/products/processor_number for details.
The following list provides some of the key features on this processor:
• Manufactured on Intel’s advanced 90 nanometer process technology with copper
interconnect.
• Supports Intel Architecture with Dynamic Execution
• On-die, primary 32-KB instruction cache and 32-KB write-back data cache
• On-die 1-MB (512-KB for Celeron M processor Ultra Low Voltage 373 and 353)
second level cache with Advanced Transfer Cache Architecture, 8-way set
associativity and ECC (Error Correcting Code) Support.
• Data Prefetch Logic
• Streaming SIMD extensions 2 (SSE2)
• 400-MHz, source-synchronous front side bus (FSB)
• Micro-FCPGA and Micro-FCBGA (ULV parts available only in Micro-FCBGA)
packaging technologies (including lead free technology for the Micro-FCBGA
package for Celeron M processors 390, 380, 370, 383, 373, and 353).
• Execute Disable Bit support for enhanced security (available on processors with
CPU Signature=06D8h and recommended for implementation on Intel® 915/910
Express Chipset-based platforms only)
The Celeron M processor maintains support for MMX™ technology and Internet
Streaming SIMD instructions and full compatibility with IA-32 software. The on-die,
32-KB Level 1 instruction and data caches and the 1-MB (512-KB for Celeron M
processor Ultra Low Voltage 373 and 353) Level 2 cache with advanced transfer cache
architecture enable significant performance improvement over existing mobile
processors. The processor’s data prefetch logic speculatively fetches data to the L2
cache before an L1 cache requests occurs, resulting in reduced bus cycle penalties and
improved performance.
The streaming SIMD extensions 2 (SSE2) enable break-through levels of performance
in multimedia applications including 3-D graphics, video decoding/encoding, and
speech recognition. The new packed double-precision floating-point instructions
enhance performance for applications that require greater range and precision,
including scientific and engineering applications and advanced 3-D geometry
techniques, such as ray tracing.
The Celeron M processor’s 400-MHz FSB utilizes a split-transaction, deferred reply
protocol. The 400-MHz FSB uses source-synchronous transfer (SST) of address and
data to improve performance by transferring data four times per bus clock (4X data


Similar Part No. - 353

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
353 ETC2-353 Datasheet
204Kb / 1P
   Wiha Quality Tools Short Arm Hex L-keys Black Finish
353 ETC2-353 Datasheet
204Kb / 1P
   Wiha Quality Tools Short Arm Hex L-keys Black Finish
logo
Fluke Corporation
353 FLUKE-353 Datasheet
485Kb / 3P
   True-rms 2000 A Clamp Meters
logo
3M Electronics
353 3M-353 Datasheet
570Kb / 4P
   3M ??Scotch짰 High Performance Box Sealing Tape 353
353-1-2803555 3M-353-1-2803555 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
More results

Similar Description - 353

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
410 INTEL-410 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
X9000 INTEL-X9000 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
AC82GL40-SLB95 INTEL-AC82GL40-SLB95 Datasheet
1Mb / 98P
   Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
251748-007 INTEL-251748-007 Datasheet
3Mb / 102P
   Intel Celeron Processor on 0.13 Micron Process in the 478-Pin Package
251308-008 INTEL-251308-008 Datasheet
1Mb / 91P
   Mobile Intel Celeron Processor on .13 Micron Process and in FCPGA Package
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
Intel Corporation
298596-004 INTEL-298596-004 Datasheet
1Mb / 82P
   Intel Celeron Processor for the PGA370 Socket up to 1.40 GHz on 0.13 Micron Process
3XX INTEL-3XX Datasheet
1Mb / 82P
   Celeron D Processor
300 INTEL-300 Datasheet
2Mb / 95P
   Celeron D Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com