Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA10393FVM Datasheet(PDF) 5 Page - Rohm

Part # BA10393FVM
Description  Comparators : Ground Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10393FVM Datasheet(HTML) 5 Page - Rohm

  BA10393FVM Datasheet HTML 1Page - Rohm BA10393FVM Datasheet HTML 2Page - Rohm BA10393FVM Datasheet HTML 3Page - Rohm BA10393FVM Datasheet HTML 4Page - Rohm BA10393FVM Datasheet HTML 5Page - Rohm BA10393FVM Datasheet HTML 6Page - Rohm BA10393FVM Datasheet HTML 7Page - Rohm BA10393FVM Datasheet HTML 8Page - Rohm BA10393FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
5/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
●Example of electrical characteristics(Refarance Data)
○BA10393 family
(*)The data above is ability value of sample, it is not guaranteed.
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1020
3040
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
160
010
20
30
40
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Supply Current - Ambient Temperature
0
200
400
600
800
1000
0
255075
100
125
AMBIENT TEMPERATURE [℃] .
0
0.2
0.4
0.6
0.8
1
0
1020
3040
SUPPLY VOLTAGE [V]
Input Offset Current – Supply Voltage
Input Bias Current – Supply Voltage
Supply Current - Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 1214 1618 20
OUTPUT SINK CURRENT [mA]
0
100
200
300
400
500
-50-25
0
25
50
75100
AMBIENT TEMPERATURE [
℃]
BA10393 family
2V
36V
5V
85℃
25℃
-40℃
BA10393 family
BA10393 family
-40℃
25℃
85℃
Input Bias Current – Ambient Temperature
2V
5V
36V
BA10393 family
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Input Offset Voltage – Ambient Temperature
2V
5V
36V
BA10393 family
BA10393 family
2V
36V
5V
-8
-6
-4
-2
0
2
4
6
8
0
102030
40
SUPPLY VOLTAGE [V]
Input Offset Voltage - Supply Voltage
-40℃
25℃
85℃
BA10393 family
Low Level Output Voltage
– Output Sink Current
(VCC=5[V])
BA10393 family
-40℃
25℃
85℃
Output Saturation Voltage
– Ambient Temperature
(IOL=4[mA])
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
36V
5V
2V
BA10393 family
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
BA10393F
BA10393 family
BA10393 family
25℃
85℃
-40℃
0
100
200
300
400
500
0
1020
3040
SUPPLY VOLTAGE [V]
BA10393 family
-40℃
25℃
85℃
Output Saturation Voltage – Supply Voltage
(IOL=4[mA])
Derating Curve
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12


Similar Part No. - BA10393FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F ROHM-BA10393F Datasheet
52Kb / 4P
   Dual comparators
BA10393F ROHM-BA10393F Datasheet
236Kb / 5P
   GROUND SENSE DUAL VOLTAGE COMPARATORS
BA10393F ROHM-BA10393F Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10393F ROHM-BA10393F Datasheet
551Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

Similar Description - BA10393FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com