Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD36F Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # RD36F
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD36F Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  RD36F Datasheet HTML 1Page - EIC discrete Semiconductors RD36F Datasheet HTML 2Page - EIC discrete Semiconductors RD36F Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS ( Ta = 25 °C )
Zener Voltage
Dynamic Impedance
Reverse Current
Type Number
VZ (V)
(1)
ZZ(Ω)
(2)
IR(µA)
Min.
Max.
IZ (mA)
Max.
Iz (mA)
Max.
VR (V)
Suffix
B1
12.19
12.85
B2
12.63
13.30
B3
13.11
13.83
B1
13.55
14.28
B2
14.05
14.77
B3
14.52
15.26
B1
14.98
15.75
B2
15.44
16.23
B3
15.89
16.71
B1
16.37
17.27
B2
17.03
17.91
B3
17.64
18.55
B1
18.26
19.21
B2
18.93
19.91
B3
19.59
20.84
B1
20.45
21.51
B2
21.10
22.18
B3
21.75
22.86
B1
22.44
23.59
B2
23.17
24.36
B3
23.90
25.14
B1
24.63
26.10
B2
25.70
27.12
B3
26.72
28.43
B1
27.43
29.09
B2
28.64
30.10
B3
29.57
31.26
B1
30.35
31.97
B2
31.49
33.06
B3
32.39
34.15
B1
33.24
34.94
B2
34.26
36.01
B3
35.19
37.01
B1
36.11
38.00
B2
37.14
39.04
B3
38.13
40.80
RD43F
B
40.00
45.00
10
50
10
5
33
RD47F
B
44.00
49.00
10
50
10
5
36
RD51F
B
48.00
54.00
10
50
10
5
39
RD56F
B
53.00
60.00
10
50
10
5
43
RD62F
B
58.00
66.00
10
50
10
5
47
RD68F
B
64.00
72.00
10
70
10
5
52
RD75F
B
70.00
79.00
10
90
10
5
57
RD82F
B
77.00
87.00
10
90
10
5
63
Notes:
(1) Test with pulse (40 ms).
(2) ZZ is measured at IZ given an very small A.C. Current Signal.
Page 3 of 3
Rev. 03 : October 7, 2005
B
B
B
B
B
B
B
B
B
B
B
B
30
10
10
20
10
20
10
10
27
10
25
10
18
10
10
23
10
21
10
16
10
10
18
10
10
19
10
17
10
14
10
10
16
10
10
15
10
13
20
12
20
20
14
20
10
12
10
11
20
10
20
20
12
20
10
10
10
10
20
RD36F
RD39F
RD24F
RD27F
RD30F
RD33F
RD18F
RD20F
RD22F
20
RD13F
RD15F
RD16F


Similar Part No. - RD36F

ManufacturerPart #DatasheetDescription
logo
NEC
RD36F NEC-RD36F Datasheet
63Kb / 8P
   ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
RD36FM NEC-RD36FM Datasheet
49Kb / 8P
   ZENER DIODES
logo
EIC discrete Semiconduc...
RD36FM EIC-RD36FM Datasheet
92Kb / 2P
   ZENER DIODES
More results

Similar Description - RD36F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com