Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5634NUX Datasheet(PDF) 6 Page - Rohm

Part # BD5634NUX
Description  Analog Input Monaural Class-D Speaker Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5634NUX Datasheet(HTML) 6 Page - Rohm

Back Button BD5634NUX Datasheet HTML 2Page - Rohm BD5634NUX Datasheet HTML 3Page - Rohm BD5634NUX Datasheet HTML 4Page - Rohm BD5634NUX Datasheet HTML 5Page - Rohm BD5634NUX Datasheet HTML 6Page - Rohm BD5634NUX Datasheet HTML 7Page - Rohm BD5634NUX Datasheet HTML 8Page - Rohm BD5634NUX Datasheet HTML 9Page - Rohm BD5634NUX Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/14
BD5632NUX, BD5634NUX, BD5638NUX
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
Evaluation board Parts List
Qty.
Item
Description
SMD Size
Manufacturer / Part Number
2
C1, C2
Capacitor, 0.47μF
0603
Murata
GRM188R71A474KA01D
1
C3
Capacitor, 10μF
A (3216)
ROHM
TCFGA1A106M8R
1
S1
Slide Switch
4mm X 10.2mm
NKK
SS-12SDP2
1
U1
IC
Mono Class-D audio amplifier
2.0mm X 3.0mm
VSON Package
ROHM
BD5632/34/38NUX
1
PCB1
Printed-circuit board,
BD5632/34/38NUX EVM
Description of External components
1. Input coupling capacitor (C1, C2)
It makes an Input coupling capacitor 0.47µF.
It sets cutoff frequency fc by the following formula by input coupling capacitor C1 (=C2) and input impedance Ri.
In case of C1 (=C2) =0.47µF
BD5632NUX Ri =100kΩ : fc=3.5Hz
BD5634NUX Ri =50kΩ : fc=7Hz
BD5638NUX Ri =25kΩ : fc=14Hz
2. Power decoupling capacitor (C3)
It makes a power decoupling capacitor 10µF.
When making capacitance of the power decoupling capacitor, there is an influence in the Audio characteristic.
When making small, careful for the Audio characteristic at the actual application.
[Hz]
1
C
Ri
2
1
fc
π


Similar Part No. - BD5634NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
More results

Similar Description - BD5634NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL Datasheet
390Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
BD5461GUL ROHM-BD5461GUL Datasheet
418Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com