Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ3030 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SZ3030
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ3030 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ3030 Datasheet HTML 1Page - EIC discrete Semiconductors SZ3030 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@
V R
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ303D
3.3
113.6
10
500
1.0
100
1.0
454
SZ303G
3.6
104.2
9.0
500
1.0
75
1.0
416
SZ303J
3.9
96.1
7.5
500
1.0
50
1.0
384
SZ304D
4.3
87.2
6.0
500
1.0
50
1.0
348
SZ304H
4.7
79.8
5.0
500
1.0
50
1.5
319
SZ305B
5.1
73.5
4.0
350
1.0
50
2.0
294
SZ305G
5.6
66.9
2.0
250
1.0
50
3.0
267
SZ306C
6.2
60.5
2.0
200
1.0
50
4.0
241
SZ306I
6.8
55.1
2.5
200
1.0
50
5.2
220
SZ307F
7.5
50.0
3.0
400
0.5
50
6.0
200
SZ308C
8.2
45.7
3.5
400
0.5
50
6.5
182
SZ309B
9.1
41.2
4.0
500
0.5
50
7.0
164
SZ3010
10
37.5
4.5
500
0.25
50
8.0
150
SZ3011
11
34.1
5.5
550
0.25
50
8.4
136
SZ3012
12
31.2
6.5
550
0.25
1.0
9.1
125
SZ3013
13
28.8
7.0
550
0.25
1.0
9.9
115
SZ3015
15
25.0
9.0
600
0.25
1.0
11.4
100
SZ3016
16
23.4
10
600
0.25
1.0
12.2
93
SZ3018
18
20.8
12
650
0.25
1.0
13.7
83
SZ3020
20
18.7
14
650
0.25
1.0
15.2
75
SZ3022
22
17.0
17.5
650
0.25
1.0
16.7
68
SZ3024
24
15.6
19
700
0.25
1.0
18.2
62
SZ3027
27
13.9
23
700
0.25
1.0
20.6
55
SZ3030
30
12.5
26
750
0.25
1.0
22.8
50
SZ3033
33
11.4
33
800
0.25
1.0
25.1
45
SZ3036
36
10.4
38
850
0.25
1.0
27.4
41
SZ3039
39
9.6
45
900
0.25
1.0
29.7
38
SZ3043
43
8.7
53
950
0.25
1.0
32.7
34
SZ3047
47
8.0
67
1000
0.25
1.0
35.8
31
SZ3051
51
7.3
70
1100
0.25
1.0
38.8
29
SZ3056
56
6.7
86
1300
0.25
1.0
42.6
26
SZ3062
62
6.0
100
1500
0.25
1.0
47.1
24
SZ3068
68
5.5
120
1700
0.25
1.0
51.7
22
SZ3075
75
5.0
140
2000
0.25
1.0
56.0
20
SZ3082
82
4.6
160
2500
0.25
1.0
62.2
18
SZ3091
91
4.1
200
3000
0.25
1.0
69.2
16
SZ30B0
100
3.7
250
3100
0.25
1.0
76.0
15
SZ30B1
110
3.4
300
4000
0.25
1.0
83.6
13
SZ30B2
120
3.1
380
4500
0.25
1.0
91.2
12
SZ30B3
130
2.9
450
5000
0.25
1.0
98.8
11
SZ30B5
150
2.5
600
6000
0.25
1.0
114.0
10
SZ30B6
160
2.3
700
6500
0.25
1.0
121.6
9.0
SZ30B8
180
2.1
900
7000
0.25
1.0
136.8
8.0
SZ30D0
200
1.9
1200
8000
0.25
1.0
152.0
7.0
Note :
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 10%,
altered the fourth number of type from " 0 " for
± 10% tolerance to be " 5 " for ± 5.0% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode.
Page 2 of 2
Rev. 02 : March 25, 2005


Similar Part No. - SZ3030

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ3030 EIC-SZ3030 Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
SZ3030 LUGUANG-SZ3030 Datasheet
166Kb / 2P
   Surface Mount Silicon Zener Diodes
More results

Similar Description - SZ3030

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com