Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2903SF Datasheet(PDF) 1 Page - Rohm

Part # BA2903SF
Description  Comparators : Ground Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903SF Datasheet(HTML) 1 Page - Rohm

  BA2903SF Datasheet HTML 1Page - Rohm BA2903SF Datasheet HTML 2Page - Rohm BA2903SF Datasheet HTML 3Page - Rohm BA2903SF Datasheet HTML 4Page - Rohm BA2903SF Datasheet HTML 5Page - Rohm BA2903SF Datasheet HTML 6Page - Rohm BA2903SF Datasheet HTML 7Page - Rohm BA2903SF Datasheet HTML 8Page - Rohm BA2903SF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/16
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
BA2901S F/FV/KN
BA2903 HFVM-C
BA2901 F/FV/KN
BA2903F/FV/FVM
BA10339 F/FV
BA10393F
High-reliabillity
Quad
Dual
Dual
Dual
Quad
General-purpose
Automotive
Operation guaranteed up to + 125 ℃
Operation guaranteed up to + 105 ℃
Operation guaranteed up to + 105 ℃
BA2903S F/FV/FVM
Operation guaranteed up to + 125 ℃
ROHM’s Selection Operational Amplifiers / Comparators
Comparators:
Ground Sense
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901S F/FV/KN,BA2901F/FV/KN
●Description
General purpose BA10393/BA10339 family and high
reliability BA2903S/BA2903/BA2901S/BA2901 family
and automotive BA2903HFVM-C integrate two or
fourindependent high gain voltage comparator.
Somefeatures are the wide operating voltage that is
2 to 36[V](for BA10393, BA2903S, BA2903,
BA2901S,BA2901 family, BA2903HFVM-C), 3 to
36[V](for BA10339 family) and low supply current.
Therefore, this series is suitable for any application.
●Characteristics
1) Operable with a single power supply
5) Internal ESD protection
2) Wide operating supply voltage
Human body model (HBM)±5000[V](Typ.)
+2.0[V]~+36.0[V] (single supply)
(BA2903S/BA2903/BA2901S/BA2901 family, BA2903HFVM-C)
±1.0[V]~±18.0[V] (dual supply)
6) Gold PAD
(BA2903S/BA2903/BA2901S/BA2901 family, BA2903HFVM-C)
+3.0[V]~+36.0[V] (single supply)
±1.5[V]~±18.0[V] (dual supply)
7) Wide temperature range
-40[℃]~+125[℃](BA2903/BA2901 family,BA2903HFVM-C)
-40[℃]~+105[℃](BA2903S/BA2901S family)
+2.0[V]~+36.0[V] (single supply)
±1.0[V]~±18.0[V] (dual supply)
3) Standard comparator pin-assignments
-40[℃]~+85[℃](BA10393/BA10339 family)
4) Input and output are operable GND sense
●Pin Assignment
No.10049EBT15
BA2903S/BA2901S family
BA2903
/BA2901 family
BA2903H
BA10339 family
BA10393 family
SOP8
SSOP-B8
MSOP8
SOP14
SSOP-B14
VQFN16
BA10393F
BA2903F
BA2903FV
BA2903FVM
BA10339F
BA2901F
BA10339FV
BA2901FV
BA2901KN
1
2
3
4
12
11
10
9
+IN1
VCC
NC
+IN2
-IN2
OUT1
OUT4
-IN3
-IN1
OUT2 OUT3
-IN4
+IN4
VEE
NC
+IN3
16
15
14
13
5
6
7
8
-
+
CH1
- +
CH2
- +
CH3
- +
CH4
1
2
3
4
8
7
5
OUT1
-IN1
+IN1
VEE
VCC
OUT2
-IN2
+IN2
CH1
- +
CH2
+ -
6
OUT2
-IN2
+IN2
-IN1
CH1
- +
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
+IN1
OUT1
OUT4
+IN4
-IN4
-IN3
VEE
+IN3
OUT3
CH4
+ -
- +
CH3
- +
CH2
-IN1
+IN1
-IN2
+IN2
+
BA10393F
BA2903SF
BA2903F
BA2903SFV
BA2903FV
BA2903SFVM
BA2903FVM
BA2903HFVM-C
BA10339F
BA2901SF
BA2901F
BA10339FV
BA2901SFV
BA2901FV
BA2901SKN
BA2901KN
8
7
6
5
1
2
3
4
+ -
CH1
CH2
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
CH1
CH2
CH3
CH4
-+
-+
-+


Similar Part No. - BA2903SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903SF ROHM-BA2903SF Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2903SF ROHM-BA2903SF Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903SF ROHM-BA2903SF Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SF ROHM-BA2903SF Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SF ROHM-BA2903SF Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

Similar Description - BA2903SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com