Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX90CF780I6N Datasheet(PDF) 5 Page - Altera Corporation

Part # EP1AGX90CF780I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX90CF780I6N Datasheet(HTML) 5 Page - Altera Corporation

  EP1AGX90CF780I6N Datasheet HTML 1Page - Altera Corporation EP1AGX90CF780I6N Datasheet HTML 2Page - Altera Corporation EP1AGX90CF780I6N Datasheet HTML 3Page - Altera Corporation EP1AGX90CF780I6N Datasheet HTML 4Page - Altera Corporation EP1AGX90CF780I6N Datasheet HTML 5Page - Altera Corporation EP1AGX90CF780I6N Datasheet HTML 6Page - Altera Corporation EP1AGX90CF780I6N Datasheet HTML 7Page - Altera Corporation EP1AGX90CF780I6N Datasheet HTML 8Page - Altera Corporation EP1AGX90CF780I6N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 234 page
background image
Chapter 1: Arria GX Device Family Overview
1–3
Features
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
Arria GX devices are available in space-saving FBGA packages (refer to Table 1–2). All
Arria GX devices support vertical migration within the same package. With vertical
migration support, designers can migrate to devices whose dedicated pins,
configuration pins, and power pins are the same for a given package across device
densities. For I/O pin migration across densities, the designer must cross-reference
the available I/O pins with the device pin-outs for all planned densities of a given
package type to identify which I/O pins are migratable.
Source-
synchronous
transmit
channels
29
29
29
29
29, 42
29
29
42
45
M512 RAM
blocks
(32 × 18 bits)
166
197
313
326
478
M4K RAM
blocks
(128 × 36
bits)
118
140
242
252
400
M-RAM
blocks
(4096 × 144
bits)
11
2
2
4
Total RAM
bits
1,229,184
1,348,416
2,475,072
2,528,640
4,477,824
Embedded
multipliers
(18 × 18)
40
56
104
128
176
DSP blocks
10
14
26
32
44
PLLs
4
4
4
4, 8
4
8
8
Maximum
user I/O pins
230, 341
230
341
229
350, 514
229
350
514
538
Table 1–1. Arria GX Device Features (Part 2 of 2)
Feature
EP1AGX20C
EP1AGX35C/D
EP1AGX50C/D
EP1AGX60C/D/E
EP1AGX90E
C
CDC
D
C
D
E
E
Table 1–2. Arria GX Package Options (Pin Counts and Transceiver Channels) (Part 1 of 2)
Device
Transceiver
Channels
Source-Synchronous Channels
Maximum User I/O Pin Count
Receive
Transmit
484-Pin FBGA
(23 mm)
780-Pin FBGA
(29 mm)
1152-Pin
FBGA
(35 mm)
EP1AGX20C
4
31
29
230
341
EP1AGX35C
4
31
29
230
EP1AGX50C
4
31
29
229
EP1AGX60C
4
31
29
229
EP1AGX35D
8
31
29
341
EP1AGX50D
8
31, 42
29, 42
350
514


Similar Part No. - EP1AGX90CF780I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX90CF780I6N ALTERA-EP1AGX90CF780I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX90CF780I6N ALTERA-EP1AGX90CF780I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX90CF780I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com