Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX20EF484I6N Datasheet(PDF) 4 Page - Altera Corporation

Part # EP1AGX20EF484I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX20EF484I6N Datasheet(HTML) 4 Page - Altera Corporation

  EP1AGX20EF484I6N Datasheet HTML 1Page - Altera Corporation EP1AGX20EF484I6N Datasheet HTML 2Page - Altera Corporation EP1AGX20EF484I6N Datasheet HTML 3Page - Altera Corporation EP1AGX20EF484I6N Datasheet HTML 4Page - Altera Corporation EP1AGX20EF484I6N Datasheet HTML 5Page - Altera Corporation EP1AGX20EF484I6N Datasheet HTML 6Page - Altera Corporation EP1AGX20EF484I6N Datasheet HTML 7Page - Altera Corporation EP1AGX20EF484I6N Datasheet HTML 8Page - Altera Corporation EP1AGX20EF484I6N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 234 page
background image
1–2
Chapter 1: Arria GX Device Family Overview
Features
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Main device features:
TriMatrix memory consisting of three RAM block sizes to implement true
dual-port memory and first-in first-out (FIFO) buffers with performance up to
380 MHz
Up to 16 global clock networks with up to 32 regional clock networks per
device
High-speed DSP blocks provide dedicated implementation of multipliers,
multiply-accumulate functions, and finite impulse response (FIR) filters
Up to four enhanced phase-locked loops (PLLs) per device provide spread
spectrum, programmable bandwidth, clock switch-over, and advanced
multiplication and phase shifting
Support for numerous single-ended and differential I/O standards
High-speed source-synchronous differential I/O support on up to 47 channels
Support for source-synchronous bus standards, including SPI-4 Phase 2
(POS-PHY Level 4), SFI-4.1, XSBI, UTOPIA IV, NPSI, and CSIX-L1
Support for high-speed external memory including DDR and DDR2 SDRAM,
and SDR SDRAM
Support for multiple intellectual property megafunctions from Altera®
MegaCore® functions and Altera Megafunction Partners Program (AMPPSM)
Support for remote configuration updates
Table 1–1 lists Arria GX device features for FineLine BGA (FBGA) with flip chip
packages.
Table 1–1. Arria GX Device Features (Part 1 of 2)
Feature
EP1AGX20C
EP1AGX35C/D
EP1AGX50C/D
EP1AGX60C/D/E
EP1AGX90E
C
CDC
D
C
D
E
E
Package
484-pin,
780-pin
(Flip chip)
484-pin
(Flip chip)
780-pin
(Flip chip)
484-pin
(Flip chip)
780-pin,
1152-pin
(Flip chip)
484-pin
(Flip chip)
780-pin
(Flip chip)
1152-pin
(Flip chip)
1152-pin
(Flip chip)
ALMs
8,632
13,408
20,064
24,040
36,088
Equivalent
logic
elements
(LEs)
21,580
33,520
50,160
60,100
90,220
Transceiver
channels
4
4
848
4
8
12
12
Transceiver
data rate
600 Mbps
to 3.125
Gbps
600 Mbps to 3.125
Gbps
600 Mbps to 3.125
Gbps
600 Mbps to 3.125 Gbps
600 Mbps
to 3.125
Gbps
Source-
synchronous
receive
channels
31
31
31
31
31, 42
31
31
42
47


Similar Part No. - EP1AGX20EF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX20EF484I6N ALTERA-EP1AGX20EF484I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX20EF484I6N ALTERA-EP1AGX20EF484I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX20EF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com