Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS49587C5872RG Datasheet(PDF) 4 Page - ON Semiconductor

Part # AMIS49587C5872RG
Description  Power Line Carrier Modem
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS49587C5872RG Datasheet(HTML) 4 Page - ON Semiconductor

  AMIS49587C5872RG Datasheet HTML 1Page - ON Semiconductor AMIS49587C5872RG Datasheet HTML 2Page - ON Semiconductor AMIS49587C5872RG Datasheet HTML 3Page - ON Semiconductor AMIS49587C5872RG Datasheet HTML 4Page - ON Semiconductor AMIS49587C5872RG Datasheet HTML 5Page - ON Semiconductor AMIS49587C5872RG Datasheet HTML 6Page - ON Semiconductor AMIS49587C5872RG Datasheet HTML 7Page - ON Semiconductor AMIS49587C5872RG Datasheet HTML 8Page - ON Semiconductor AMIS49587C5872RG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
AMIS--49587
http://onsemi.com
4
2 ABSOLUTE MAXIMUM RATINGS2.1
Stresses above those listed in this clause may cause permanent device failure. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
2.1.1 Power Supply Pins VDD, VDDA, VSS, VSSA
Table 2. ABSOLUTE MAXIMUM RATINGS SUPPLY
Rating
Symbol
Min
Max
Unit
Absolute maximum digital power supply
VDD_ABSM
VSS--0.3
3.9
V
Absolute maximum analog power supply
VDDA_ABSM
VSSA--0.3
3.9
V
Absolute maximum difference between digital and analog power supply
VDD--VDDA_ABSM
--0.3
0.3
V
Absolute maximum difference between digital and analog ground
VSS--VSSA_ABSM
--0.3
0.3
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2.1.2 Non 5V Safe Pins: TX_OUT, ALC_IN, RX_IN, RX_OUT, REF_OUT, M50HZ_IN, XIN, XOUT, TDO, TDI, TCK, TMS,
TRSTB, TEST
Table 3. ABSOLUTE MAXIMUM RATINGS NON 5V SAFE PINS
Rating
Symbol
Min
Max
Unit
Absolute maximum input for normal digital inputs and analog inputs
VIN_ABSM
VSS*--0.3
VDD*+0.3
V
Absolute maximum voltage at any output pin
VOUT_ABSM
VSS*--0.3
VDD*+0.3
V
2.1.3 5V Safe Pins: TX_ENB, TXD, RXD, BR0, BR1, RESB, RX_DATA, TREQ, CRC, TX_DATA/PRE_SLOT
Table 4. ABSOLUTE MAXIMUM RATINGS 5V SAFE PINS
Rating
Symbol
Min
Max
Unit
Absolute maximum input for digital 5 V safe inputs
V5VS_ABSM
VSS--0.3
6.0
V
Absolute maximum voltage at 5 V safe output pin
VOUT5V_ABSM
VSS--0.3
3.9
V
2.2 Normal Operating Conditions
Operating ranges define the limits for functional operation and parametric characteristics of the device as described in the
Receiver Block Diagram Section and for the reliability specifications as listed in the Local Transfer and Configuration
Commands (LTC) Section. Functionality outside these limits is not implied.
Total cumulative dwell time outside the normal power supply voltage range or the ambient temperature under bias, must
be less than 0.1% of the useful life as defined in the Local Transfer and Configuration Commands (LTC) Section.
Table 5. OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Power Supply Voltage Range
VDD
3.0
3.6
V
Ambient Temperature
TA
--25
70
°C


Similar Part No. - AMIS49587C5872RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS49587C5872RG ONSEMI-AMIS49587C5872RG Datasheet
371Kb / 56P
   Power Line Carrier Modem
December, 2015 ??Rev. 2
More results

Similar Description - AMIS49587C5872RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49599 ONSEMI-NCN49599 Datasheet
425Kb / 39P
   Power Line Carrier Modem
March, 2013 ??Rev. P0
NCN49597 ONSEMI-NCN49597 Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
AMIS-49587 ONSEMI-AMIS-49587_15 Datasheet
371Kb / 56P
   Power Line Carrier Modem
December, 2015 ??Rev. 2
AMIS-49587 ONSEMI-AMIS-49587 Datasheet
475Kb / 59P
   Power Line Carrier Modem
June, 2009 ??Rev. P0
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
   Power line modem
April 15 1992
logo
ON Semiconductor
MC68194 ONSEMI-MC68194 Datasheet
361Kb / 24P
   Carrier Band Modem(CBM)
February, 2000 ??Rev. 6
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
   Power Line Communication Modem
January, 2017 ??Rev. P5
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com