Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXI-6122 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NIPXI-6122
Description  S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-6122 Datasheet(HTML) 6 Page - National Instruments Corporation

  NIPXI-6122 Datasheet HTML 1Page - National Instruments Corporation NIPXI-6122 Datasheet HTML 2Page - National Instruments Corporation NIPXI-6122 Datasheet HTML 3Page - National Instruments Corporation NIPXI-6122 Datasheet HTML 4Page - National Instruments Corporation NIPXI-6122 Datasheet HTML 5Page - National Instruments Corporation NIPXI-6122 Datasheet HTML 6Page - National Instruments Corporation NIPXI-6122 Datasheet HTML 7Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 National Instruments • Tel: (800) 813 3693 • info@ni.com • ni.com
S Series Multifunction DAQ
Cables and Accessories
Recommended Configurations
SH68-68-EP Noise-Rejecting Shielded Cable
The SH68-68-EP is a shielded 68-conductor cable terminated with two 68-pin female
0.050 series D-type connectors. It features individually shielded analog twisted pairs
for reduced cross-talk with high-speed devices.
1 m ....................................................................................................................184749-01
2 m ....................................................................................................................184749-02
R6868 Low-Cost Ribbon Cable
The R6868 is a 68-conductor flat ribbon cable terminated with two 68-pin female
0.050 series D-type connectors.
1 m ....................................................................................................................182482-01
BNC-2110 Noise-Rejecting BNC I/O Connector Block
The BNC-2110 is a shielded connector block with signal-labeled BNC connectors for
easy connectivity of your analog input, digital I/O, and counter/timer signals.
BNC-2110 ........................................................................................................777643-01
Dimensions – 20.3 by 11.2 by 5.5 cm (8.0 by 4.4 by 2.2 in.)
TB-2705 Noise-Rejecting Front-Mount I/O Connector Block
The TB-2705 is a screw terminal block for your PXI DAQ devices. It latches to the
front of your PXI modules with locking screws and provides strain relief and easy access
to your analog, digital, trigger, and counter/timer signals through screw terminals.
TB-2705 ............................................................................................................778241-01
Dimensions – 8.43 by 10.41 by 2.03 cm (3.32 by 4.1 by 0.8 in.)
SCB-68 Noise-Rejecting Shielded I/O Connector Block
The SCB-68 is a shielded I/O connector block for rugged, very-low-noise signal
termination for connecting 68-pin DAQ devices. Silk-screened component locations
provide an easy addition of simple signal-conditioning circuitry for your analog input
channels. It also includes a general-purpose breadboard area as well as an IC
temperature sensor for cold-junction compensation in temperature measurements.
SCB-68 ..............................................................................................................776844-01
Dimensions – 19.5 by 15.2 by 4.5 cm (7.7 by 6.0 by 1.8 in.)
CB-68LP and CB-68LPR Low-Cost I/O Connector Blocks
The CB-68 and CB-68LP are low-cost termination accessories with 68 screw
terminals for easy connector of field I/O signals to 68-pin DAQ devices. The
connector blocks include standoffs for use on a desktop or for mounting in a custom
panel. The CB-68LP has a vertical-mounted 68-pin connector. The CB-68LPR has a
right-angle mounted connector, and it is used with the CA-1000.
CB-68LP ............................................................................................................777145-01
Dimensions – 14.35 by 10.74 cm (5.65 by 4.23 in.)
CB-68LPR ........................................................................................................777145-02
Dimensions – 7.62 by 16.19 cm (3.00 by 6.36 in.)
BNC-2110 I/O Connector Block
R6868 Ribbon Cable
SH68-68-EP Shielded Cable
SCB-68 Shielded I/O Connector Block
TB-2705 Terminal Block
CB-68LP and CB-68LPR I/O Connector Blocks
I/O Configuration
Accessory
Cable
BNC shielded
BNC-2110 (777643-01)
SH68-68-EP (184749-01)
Front-mount shielded screw terminals (PXI only)
TB-2705 (778241-01)
Noise-rejecting shielded screw terminals
SCB-68 (776844-01)
SH68-68-EP (184749-01)
Low-cost unshielded screw terminals
CB-68LPR (777145-02)
R6868 (777643-01)


Similar Part No. - NIPXI-6122

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6120 NI-NIPXI-6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
More results

Similar Description - NIPXI-6122

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6071E NI-NI6071E Datasheet
257Kb / 11P
   Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
777740-01 NI-777740-01 Datasheet
446Kb / 8P
   High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
NIUSB-6210 NI-NIUSB-6210 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit, up to 400 kS/s
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com