Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRS2112S Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRS2112S
Description  HIGH- AND LOW-SIDE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2112S Datasheet(HTML) 5 Page - International Rectifier

  AUIRS2112S Datasheet HTML 1Page - International Rectifier AUIRS2112S Datasheet HTML 2Page - International Rectifier AUIRS2112S Datasheet HTML 3Page - International Rectifier AUIRS2112S Datasheet HTML 4Page - International Rectifier AUIRS2112S Datasheet HTML 5Page - International Rectifier AUIRS2112S Datasheet HTML 6Page - International Rectifier AUIRS2112S Datasheet HTML 7Page - International Rectifier AUIRS2112S Datasheet HTML 8Page - International Rectifier AUIRS2112S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AUIRS2112S
www.irf.com
© 2008 International Rectifier
5
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM lead. Stresses beyond those listed under "
Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only; and
functional operation of the device at these or any other condition beyond those indicated in the “Recommended
Operating Conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability. The thermal resistance and power dissipation ratings are measured under board mounted
and still air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply voltage
-0.3
625
VS
High-side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side fixed supply voltage
-0.3
25
VLO
Low-side output voltage
-0.3
VCC + 0.3
VDD
Logic supply voltage
-0.3
VSS + 25
VSS
Logic supply offset voltage
VCC - 25
VCC + 0.3
VIN
Logic input voltage (HIN, LIN & SD)
VSS -0.3
VDD + 0.3
V
dVS/dt
Allowable offset supply voltage transient (Fig. 2)
50
V/ns
PD
Package power dissipation @ TA ≤ 25°C
1.25
W
RthJA
Thermal resistance, junction to ambient
100
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
°C
RthJC
Thermal resistance, junction to case
---
12.72
°C/W
Recommended Operation Conditions
The input/output logic timing diagram is shown in Figure 1. For proper operation the device should be used within
the recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15 V differential.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply absolute voltage
VS +10
VS +20
VS
High-side floating supply offset voltage
600
VHO
High-side floating output voltage
VS
VB
VCC
Low-side fixed supply voltage
10
20
VLO
Low-side output voltage
0
VCC
VDD
Logic supply voltage
VSS + 3
VSS + 20
VSS
Logic ground offset voltage
-5 (††)
5
VIN
Logic input voltage (HIN, LIN & SD)
VSS
VDD
V
TA
Ambient temperature
-40
125
°C
Logic operational for VS of -5 V to +600 V. Logic state held for VS of -5 V to – VBS (Static).
Please refer to ‘Tolerability to Negative VS Transients’ section.
†† When VDD < 5 V, the minimum VSS offset is limited to –VDD.


Similar Part No. - AUIRS2112S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2112S IRF-AUIRS2112S Datasheet
428Kb / 23P
   Drives IGBT/MOSFET power devices
AUIRS2112S IRF-AUIRS2112S_15 Datasheet
428Kb / 23P
   Drives IGBT/MOSFET power devices
More results

Similar Description - AUIRS2112S

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com