Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ1536 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SZ1536
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ1536 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ1536 Datasheet HTML 1Page - EIC discrete Semiconductors SZ1536 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ
(1) @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
(mA)
(mApk)
SZ153D
3.3
76.0
10
400
1.0
100
1.0
276
1380
SZ153G
3.6
69.0
10
400
1.0
100
1.0
252
1260
SZ153J
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
SZ154D
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
SZ154H
4.7
53.0
8.0
500
1.0
10
1.0
193
970
SZ155B
5.1
49.0
7.0
550
1.0
10
1.0
178
890
SZ155G
5.6
45.0
5.0
600
1.0
10
2.0
162
810
SZ156C
6.2
41.0
2.0
700
1.0
10
3.0
146
730
SZ156I
6.8
37.0
3.5
700
1.0
10
4.0
133
660
SZ157F
7.5
34.0
4.0
700
0.5
10
5.0
121
605
SZ158C
8.2
31.0
4.5
700
0.5
10
6.0
110
550
SZ159B
9.1
28.0
5.0
700
0.5
10
7.0
100
500
SZ1510
10
25.0
7.0
700
0.25
10
7.6
91
454
SZ1511
11
23.0
8.0
700
0.25
5.0
8.4
83
414
SZ1512
12
21.0
9.0
700
0.25
5.0
9.1
76
380
SZ1513
13
19.0
10
700
0.25
5.0
9.9
69
344
SZ1515
15
17.0
14
700
0.25
5.0
11.4
61
305
SZ1516
16
15.5
16
700
0.25
5.0
12.2
57
285
SZ1518
18
14.0
20
750
0.25
5.0
13.7
50
250
SZ1520
20
12.5
22
750
0.25
5.0
15.2
45
225
SZ1522
22
11.5
23
750
0.25
5.0
16.7
41
205
SZ1524
24
10.5
25
750
0.25
5.0
18.2
38
190
SZ1527
27
9.5
35
750
0.25
5.0
20.6
34
170
SZ1530
30
8.5
40
1000
0.25
5.0
22.8
30
150
SZ1533
33
7.5
45
1000
0.25
5.0
25.1
27
135
SZ1536
36
7.0
50
1000
0.25
5.0
27.4
25
125
SZ1539
39
6.5
60
1000
0.25
5.0
29.7
23
115
SZ1543
43
6.0
70
1500
0.25
5.0
32.7
22
110
SZ1547
47
5.5
80
1500
0.25
5.0
35.8
19
95
SZ1551
51
5.0
95
1500
0.25
5.0
38.8
18
90
SZ1556
56
4.5
110
2000
0.25
5.0
42.6
16
80
SZ1562
62
4.0
125
2000
0.25
5.0
47.1
14
70
SZ1568
68
3.7
150
2000
0.25
5.0
51.7
13
65
SZ1575
75
3.3
175
2000
0.25
5.0
56.0
12
60
SZ1582
82
3.0
200
3000
0.25
5.0
62.2
11
55
SZ1591
91
2.8
250
3000
0.25
5.0
69.2
10
50
SZ15B0
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
SZ15B1
110
2.3
450
4000
0.25
5.0
83.6
8.6
40
SZ15B2
120
2.0
550
4500
0.25
5.0
91.2
7.8
37
SZ15B3
130
1.9
700
5000
0.25
5.0
98.8
7.0
34
SZ15B5
150
1.7
1000
6000
0.25
5.0
114.0
6.4
30
SZ15B6
160
1.6
1100
6500
0.25
5.0
121.6
5.8
28
SZ15B8
180
1.4
1200
7000
0.25
5.0
136.8
5.2
25
SZ15D0
200
1.2
1900
9990
0.25
5.0
152.0
4.7
22
Notes :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ±5%,
altered the fourth number of type from " 5 " for ±5% tolerance to be " 0 " for ±10% tolerance.
(2) The revese surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
on IZT per JEDEC Method
(3) " SZ " will be omitted in marking on the diode.
Page 2 of 2
Rev. 04 : August 24, 2006
Type
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - SZ1536

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ1536 EIC-SZ1536 Datasheet
27Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ1536 EIC-SZ1536 Datasheet
50Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Bruckewell Technology L...
SZ1536 BWTECH-SZ1536 Datasheet
305Kb / 4P
   Complete Voltage Range 3.3 to 200 Volts
logo
SUNMATE electronic Co.,...
SZ1536 SUNMATE-SZ1536 Datasheet
320Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SZ1536

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com