Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND7N04 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND7N04
Description  "OMNIFET"Fully autoprotected power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7N04 Datasheet(HTML) 4 Page - STMicroelectronics

  VND7N04_09 Datasheet HTML 1Page - STMicroelectronics VND7N04_09 Datasheet HTML 2Page - STMicroelectronics VND7N04_09 Datasheet HTML 3Page - STMicroelectronics VND7N04_09 Datasheet HTML 4Page - STMicroelectronics VND7N04_09 Datasheet HTML 5Page - STMicroelectronics VND7N04_09 Datasheet HTML 6Page - STMicroelectronics VND7N04_09 Datasheet HTML 7Page - STMicroelectronics VND7N04_09 Datasheet HTML 8Page - STMicroelectronics VND7N04_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical specification
VND7N04, VND7N04-1, VNK7N04FM
4/17
2
Electrical specification
2.1
Absolute maximum rating
2.2
Thermal data
2.3
Electrical characteristics
Table 2.
Absolute maximum rating
Symbol
Parameter
Value
Unit
DPAK
IPAK
SOT-82FM
VDS
Drain-source voltage (Vin = 0)
Internally clamped
V
Vin
Input voltage
18
V
ID
Drain current
Internally limited
A
IR
Reverse DC output current
-7
A
Vesd
Electrostatic discharge (C = 100 pF,
R=1.5 K
Ω)
2000
V
Ptot
Total dissipation at Tc = 25 °C
60
9
W
Tj
Operating junction temperature
Internally limited
°C
Tc
Case operating temperature
Internally limited
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
DPAK/IPAK
SOT82-FM
Rthj-case
Thermal resistance junction-case max
3.75
14
°C/W
Rthj-amb
Thermal resistance junction-ambient max
100
100
°C/W
Table 4.
Electrical characteristics: off
(-40 < Tj < 125 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCLAMP
Drain-source clamp voltage
ID = 200 mA Vin = 0
32
42
52
V
VCLTH
Drain-source clamp threshold voltage
ID = 2 mA Vin = 0
31
V
VINCL
Input-source reverse clamp voltage
Iin = -1 mA
-1.1
-0.25
V
IDSS
Zero input voltage drain current (Vin = 0)
VDS = 13 V Vin = 0
VDS = 25 V Vin = 0
75
200
µA
µA
IISS
Supply current from input pin
VDS = 0 V Vin = 10 V
250
550
µA


Similar Part No. - VND7N04_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7N04-1 STMICROELECTRONICS-VND7N04-1 Datasheet
146Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VND7N04-1 STMICROELECTRONICS-VND7N04-1 Datasheet
602Kb / 18P
   Fully autoprotected power MOSFET
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
   Fully autoprotected power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com