Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKT6 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SKT6
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SKT6 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SKT6 Datasheet HTML 1Page - EIC discrete Semiconductors SKT6 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SKT2 - SKTB
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIERS
PRV : 20 - 100 Volts
IO : 2.5 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low cost
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMB Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL SKT2 SKT3 SKT4 SKT5 SKT6 SKT7 SKT8 SKT9 SKTB UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum Average Forward Current (See Fig.1)
IF(AV)
2.5
A
Maximum Peak Forward Surge Current,
8.3ms single half sine wave superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 2.5 A. (Note 1)
VF
0.5
0.74
0.79
V
Maximum Reverse Current at
Rated DC Blocking Voltage (Note 1)
Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Pulse Test : Pulse Width = 300
µs, Duty Cycle = 2%.
Page 1 of 2
Rev. 02 : March 25, 2005
mA
0.5
IR
RATING
IFSM
75
A
0.22
± 0.07
2.0
± 0.1
2.3
± 0.2
3.6
± 0.15
SMB (DO-214AA)
1.1
± 0.3
Dimensions in millimeter


Similar Part No. - SKT6

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SKT6 EIC-SKT6 Datasheet
28Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Semikron International
SKT600 SEMIKRON-SKT600 Datasheet
751Kb / 4P
   Line Thyristor
SKT600-08D SEMIKRON-SKT600-08D Datasheet
752Kb / 4P
   Line Thyristor
SKT600-12D SEMIKRON-SKT600-12D Datasheet
752Kb / 4P
   Line Thyristor
SKT600-14D SEMIKRON-SKT600-14D Datasheet
752Kb / 4P
   Line Thyristor
More results

Similar Description - SKT6

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com