Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ104D Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SZ104D
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ104D Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SZ104D Datasheet HTML 1Page - EIC discrete Semiconductors SZ104D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SZ103D - SZ10E0
SURFACE MOUNT SILICON
ZENER DIODES
VZ : 3.3 - 300 Volts
PD : 1 Watt
FEATURES :
* Complete Voltage Range 3.3 to 300 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA
* Case : SMA (DO-214AC) Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead formed for Surface mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.064 gram
MAXIMUM RATINGS
Rating at 25 °C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 °C (Note1)
PD
1.0
W
Maximum Forward Voltage at IF = 200 mA
VF
1.2
V
Junction Temperature Range
TJ
- 55 to + 150
°C
Storage Temperature Range
Ts
- 55 to + 150
°C
Note :
(1) P.C.B. Mounted on 0.31x0.31x0.08" (8x8x2mm) copper areas pad
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (°C)
Page 1 of 2
Rev. 06 : August 24, 2006
0.25
0.50
0.75
1.00
1.25
P.C.B. Mounted on
0.31x0.31x0.08" (8x8x2mm)
copper areas pads
Fig. 1 MAXIMUM CONTINUOUS POWER DERATING
0
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeters
1.1
± 0.3
0.2
± 0.07
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - SZ104D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ104D EIC-SZ104D Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ104D EIC-SZ104D Datasheet
50Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
SZ104D LUGUANG-SZ104D Datasheet
178Kb / 2P
   Surface Mount Silicon Zener Diodes
logo
Shenzhen Taychipst Elec...
SZ104D TAYCHIPST-SZ104D Datasheet
3Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Bruckewell Technology L...
SZ104D BWTECH-SZ104D Datasheet
304Kb / 4P
   Complete Voltage Range 3.3 to 200 Volts
More results

Similar Description - SZ104D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com