Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ28 Datasheet(PDF) 4 Page - EIC discrete Semiconductors

Part # SMCJ28
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMCJ28 Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  SMCJ28 Datasheet HTML 1Page - EIC discrete Semiconductors SMCJ28 Datasheet HTML 2Page - EIC discrete Semiconductors SMCJ28 Datasheet HTML 3Page - EIC discrete Semiconductors SMCJ28 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.1 - PULSE DERATING CURVE
FIG.2 - TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - PULSE WAVEFORM
FIG.4 - PEAK PULSE POWER RATING CURVE
FIG.5 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
Page 4 of 4
Rev. 05 : April 1, 2005
RATING AND CHARACTERISTIC CURVES ( SMCJ5.0 - SMCJ188A )
80
60
40
20
120
10
10
0
0.1
1.0
td, PULSE WIDTH, SEC
100
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
6,000
100
1,000
10
10
20
100
1
2
400
TJ = 25
°C
f = 1.0 MHz
Vsig = 50 mVP-P
t, TIME(ms)
50
100
0
tr = 10
µs
Peak Value
IPPM
Half Value - IPPM
2
td
0
1.0
2.0
3.0
4.0
Ta=25
°C
Pulse Width (td) is defined
as that point where the peak
current decays to 50%
of IPPM
VWM, REVERSE STAND-OFF VOLTAGE, (V)
400
100
1
5
10
50
100
NUMBER OF CYCLES AT 60 Hz
10
10/1000
µs. Waveform as
defined by R.E.A.
Measured at
Stand-off Voltage
Voltage VWM
TJ = TJ max
8.3 ms Single half sine-wave
JEDEC Method


Similar Part No. - SMCJ28

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMCJ28 PACELEADER-SMCJ28 Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ28 DCCOM-SMCJ28 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMCJ28 ANOVA-SMCJ28 Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SMCJ28 YANGJIE-SMCJ28 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ28 FORMOSA-SMCJ28 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ28

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com