Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C32-F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24C32-F
Description  32 Kbit serial I짼C bus EEPROM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24C32-F Datasheet HTML 4Page - STMicroelectronics M24C32-F Datasheet HTML 5Page - STMicroelectronics M24C32-F Datasheet HTML 6Page - STMicroelectronics M24C32-F Datasheet HTML 7Page - STMicroelectronics M24C32-F Datasheet HTML 8Page - STMicroelectronics M24C32-F Datasheet HTML 9Page - STMicroelectronics M24C32-F Datasheet HTML 10Page - STMicroelectronics M24C32-F Datasheet HTML 11Page - STMicroelectronics M24C32-F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Signal description
M24C32-W M24C32-R M24C32-F
8/38
Doc ID 4578 Rev 17
2
Signal description
2.1
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor must be connected from Serial Clock
(SCL) to VCC. (Figure 4 indicates how the value of the pull-up resistor can be calculated). In
most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
2.2
Serial Data (SDA)
This bidirectional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR’ed with other open drain or open collector signals on the bus. A
pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 4 indicates how
the value of the pull-up resistor can be calculated).
2.3
Chip Enable (E0, E1, E2)
These input signals are used to set the value that is to be looked for on the three least
significant bits (b3, b2, b1) of the 7-bit device select code. These inputs must be tied to VCC
or VSS, to establish the device select code as shown in Figure 3. When not connected (left
floating), these inputs are read as low (0,0,0).
Figure 3.
Device select code
2.4
Write Control (WC)
This input signal is useful for protecting the entire contents of the memory from inadvertent
write operations. Write operations are disabled to the entire memory array when Write
Control (WC) is driven high. When unconnected, the signal is internally read as VIL, and
Write operations are allowed.
When Write Control (WC) is driven high, device select and Address bytes are
acknowledged, Data bytes are not acknowledged.
Ai12806
VCC
M24xxx
VSS
Ei
VCC
M24xxx
VSS
Ei


Similar Part No. - M24C32-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32-F STMICROELECTRONICS-M24C32-F Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24C32-F STMICROELECTRONICS-M24C32-F Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24C32-F STMICROELECTRONICS-M24C32-F Datasheet
581Kb / 42P
   32-Kbit serial IC bus EEPROM
M24C32-FBN3/P STMICROELECTRONICS-M24C32-FBN3/P Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24C32-FBN6/B STMICROELECTRONICS-M24C32-FBN6/B Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
More results

Similar Description - M24C32-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C32-FMC6TG STMICROELECTRONICS-M24C32-FMC6TG Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24C08-WMN6P STMICROELECTRONICS-M24C08-WMN6P Datasheet
688Kb / 38P
   8-Kbit serial I짼C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24C08-RMC6TG STMICROELECTRONICS-M24C08-RMC6TG Datasheet
688Kb / 38P
   8-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com