Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-0216K1Z-NS-FBW Datasheet(PDF) 6 Page - Newhaven Display International, Inc.

Part # NHD-0216K1Z-NS-FBW
Description  Liquid Crystal Display Module)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-0216K1Z-NS-FBW Datasheet(HTML) 6 Page - Newhaven Display International, Inc.

Back Button NHD-0216K1Z-NS-FBW Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-0216K1Z-NS-FBW Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-0216K1Z-NS-FBW Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-0216K1Z-NS-FBW Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-0216K1Z-NS-FBW Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-0216K1Z-NS-FBW Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-0216K1Z-NS-FBW Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-0216K1Z-NS-FBW Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-0216K1Z-NS-FBW Datasheet HTML 10Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NHD-0216K1Z-NS(RGB)-FBW
Newhaven Display
7. Contrast adjust
VDD~V0: LCD Driving voltage
VR: 10k~20k
8. Optical characteristics
TN type display module (Ta=25
, VDD=5.0V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
-25
-
-
Viewing angle
Cr
4
-30
-
30
deg
Contrast ratio
Cr
-
2
-
-
Response time (rise)
Tr
-
-
120
150
Response time (fall)
Tr
-
-
120
150
ms
STN type display module (Ta=25
, VDD=5.0V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
-60
-
35
Viewing angle
Cr
2
-40
-
40
deg
Contrast ratio
Cr
-
6
-
-
Response time (rise)
Tr
-
-
150
250
Response time (fall)
Tr
-
-
150
250
ms
9. Electrical characteristics
DC characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage for LCD
VDD-V0
Ta =25
-
4.6
-
Input voltage
VDD
4.7
5.0
5.5
V
Supply current
IDD
Ta=25
, VDD=5.0V
-
1.5
2.5
mA
Input leakage current
ILKG
-
-
1.0
uA
“H” level input voltage
VIH
2.2
-
VDD
“L” level input voltage
VIL
Twice initial value or less
0
-
0.6
“H” level output voltage
VOH
LOH=-0.25mA
2.4
-
-
“L” level output voltage
VOL
LOH=1.6mA
-
-
0.4
Backlight supply voltage
VF
-
2.2or3.2
V
Backlight supply current
ILED
VF= 2.2 or 3.2 V
20
30
mA
6
2006-12-4


Similar Part No. - NHD-0216K1Z-NS-FBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216K1Z-NS-FBW-REV1 NEWHAVEN-NHD-0216K1Z-NS-FBW-REV1 Datasheet
476Kb / 12P
   Character Liquid Crystal Display Module
More results

Similar Description - NHD-0216K1Z-NS-FBW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GDM12864A ETC-GDM12864A Datasheet
198Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G191D SII-G191D Datasheet
1Mb / 27P
   LIQUID CRYSTAL DISPLAY MODULE?
G482C SII-G482C Datasheet
1Mb / 22P
   LIQUID CRYSTAL DISPLAY MODULE?
logo
Newhaven Display Intern...
NHD-0416B1Z-FSPG-YBW-L3V NEWHAVEN-NHD-0416B1Z-FSPG-YBW-L3V Datasheet
857Kb / 21P
   Liquid Crystal Display Module
logo
HB Electronic Component...
ATM1602B HB-ATM1602B Datasheet
296Kb / 11P
   Liquid Crystal Display Module
ATM4004A HB-ATM4004A Datasheet
379Kb / 11P
   Liquid Crystal Display Module
logo
Newhaven Display Intern...
NHD-0140AZ-FL-YBW NEWHAVEN-NHD-0140AZ-FL-YBW Datasheet
707Kb / 10P
   Liquid Crystal Display Module
NHD-2.4-240320SF-CTXI-FT1 NEWHAVEN-NHD-2.4-240320SF-CTXI-FT1 Datasheet
839Kb / 11P
   Liquid Crystal Display Module
NHD-3.5-320240YF-ATXL NEWHAVEN-NHD-3.5-320240YF-ATXL Datasheet
790Kb / 9P
   Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI NEWHAVEN-NHD-5.7-320240WFB-ETXI Datasheet
659Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G321EV SII-G321EV Datasheet
1Mb / 33P
   LIQUID CRYSTAL DISPLAY MODULE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com