Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLI-343MG Datasheet(PDF) 1 Page - Rohm

Part # SLI-343MG
Description  High brightness (SLR343/SLI-343 series) Low power consumption (SLI-343(W) series)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLI-343MG Datasheet(HTML) 1 Page - Rohm

  SLI-343MG Datasheet HTML 1Page - Rohm SLI-343MG Datasheet HTML 2Page - Rohm SLI-343MG Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
(2.5)
Cathode
φ3.8
φ3.1
□0.4
Tolerance :
±0.2
(unit : mm)
2.5 or 5.0
2.0
1.0 ±0.1
(unit : mm)
*:Duty1/10, 1kHz
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLI-343URC(W)
AIGaInP
on GaAs
Red
125
50
200
9
-25 to +85
-30 to +100
1.9
20
100
9
620
20
36
200
20
SLI-343DC(W)
Orange
605
56
300
SLI-343YC(W)
Yellow
587
36
200
SLI-343UR(W)
Red
620
160
SLI-343DU(W)
Orange
605
56
250
SLI-343YY(W)
Yellow
587
36
160
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLR343BD2T
InGaN on SiC
Blue
126
30
100
5
-20 to +80
-30 to +100
3.2
20
100
5
470
20
470
1000
20
SLR343WBD2PT
White
(x,y)
(0.31,0.31)
1500 3300
SLI-343URC
AIGaInP on
GaAs
Red
125
50
200
9
-25 to +85
1.9
9
620
90
450
SLI-343DC
Orange
605
500
SLI-343YC
Yellow
587
350
SLI-343MC
Yellowish
Green
62
25
100
-25 to +80
2.1
572
56
200
SLI-343UR
Red
125
50
200
-25 to +85
1.9
620
90
350
SLI-343DU
Orange
605
SLI-343YY
Yellow
587
300
SLI-343MG
Yellowish
Green
62
25
100
-25 to +80
2.1
572
56
180
Viewing angle 2
θ 1/2 /
40 : High luminous intensity
Viewing angle 2
θ 1/2 /
40 : Low current consumption
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
RELATIVE INTENSITY(%)
ANGULAR DISPLACEMENT (deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
SLR343 Series
SLI-343 Series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
WBD2PT
BD2T
Diffused
Clear
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
Features
・Viewing angle 2θ 1/2 : 40°
・High brightness (SLR343/SLI-343 series)
・Low power consumption (SLI-343(W) series)
・Competent to direct mount
Color
Type
U
D
Y
M
B
WB
SLR343 / SLI-343 /
SLI-343
(W)Series
1/2
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.06 - Rev.A


Similar Part No. - SLI-343MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343MG ROHM-SLI-343MG Datasheet
139Kb / 4P
   SLI-343 Series
SLI-343MG ROHM-SLI-343MG Datasheet
138Kb / 5P
   SLI-343 Series
SLI-343MG ROHM-SLI-343MG Datasheet
132Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLI-343MG ROHM-SLI-343MG Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
More results

Similar Description - SLI-343MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343DC3F ROHM-SLI-343DC3F Datasheet
139Kb / 4P
   SLI-343 Series
SLI-343URCT32 ROHM-SLI-343URCT32 Datasheet
138Kb / 5P
   SLI-343 Series
SLR343ECT3F ROHM-SLR343ECT3F Datasheet
176Kb / 5P
   SLR-343 Series
SLR343BC7TT32 ROHM-SLR343BC7TT32 Datasheet
164Kb / 5P
   SLR-343 Series
logo
NXP Semiconductors
SL2ICS50 NXP-SL2ICS50 Datasheet
830Kb / 28P
   I•CODE SLI-L/I•CODE SLI-L HC
Rev. 3.0 - 14 March 2007
SL2ICS53 NXP-SL2ICS53 Datasheet
992Kb / 33P
   I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
logo
Rohm
SLI-560X ROHM-SLI-560X Datasheet
982Kb / 12P
   SLI-560x/SLA-560x/SLA560x Series
2022.2 - Rev.008
SLI-580X ROHM-SLI-580X Datasheet
764Kb / 12P
   SLI-580x/SLA-580x/SLA580x Series
2022.2 - Rev.007
logo
TRINAMIC Motion Control...
BB-303 TRINAMIC-BB-303 Datasheet
448Kb / 1P
   Baseboardfor TMCM-303/TMCM-343
logo
Toshiba Semiconductor
T6B23 TOSHIBA-T6B23 Datasheet
287Kb / 8P
   COLUMN DRIVER SLI FOR A DOT MATRIX LCD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com